Electronic Components Datasheet Search
  English  ▼

X  

MA112D24RWI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA112D24RWI
Description  MA100RWI SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA112D24RWI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA112D24RWI Datasheet HTML 1Page - MicroPower Direct, LLC MA112D24RWI Datasheet HTML 2Page - MicroPower Direct, LLC MA112D24RWI Datasheet HTML 3Page - MicroPower Direct, LLC MA112D24RWI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with the output being tested at 100% load while
the other output is varied from 25% to 100% load.
2. See the typical connection circuit on page three for typical external filtering components.
For help with a specific model or layout issue, contact the factory.
3. Isolation voltage is specified for Input to output. On units with the optional metal case,
the isolation voltage for Input - Case and Output - Case is 1,000 VDC.
4. Operation at no-load will not damage the unit, but they may not meet all specifications.
To meet all specifications, a minimum load of 25% should be maintained.
5. It is recommended that a fuse be used on the input of a power supply for protection.
See the Model Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA105S-05RWI-xx
5
4.5 - 9.0
461
40
5.0
300.0
75.0
65
35.0
2,200
1,000
MA105S-09RWI-xx
5
4.5 - 9.0
447
40
9.0
167.0
41.7
67
35.0
470
1,000
MA105S-12RWI-xx
5
4.5 - 9.0
428
40
12.0
125.0
31.3
70
35.0
470
1,000
MA105S-15RWI-xx
5
4.5 - 9.0
447
40
15.0
100.0
25.0
67
35.0
470
1,000
MA105S-24RWI-xx
5
4.5 - 9.0
454
40
24.0
62.5
15.6
66
35.0
220
1,000
MA105D-05RWI-xx
5
4.5 - 9.0
461
40
±5.0
±150.0
±37.5
65
35.0
±1,000
1,000
MA105D-09RWI-xx
5
4.5 - 9.0
447
40
±9.0
±83.3
±20.8
67
35.0
±220
1,000
MA105D-12RWI-xx
5
4.5 - 9.0
428
40
±12.0
±62.5
±15.6
70
35.0
±220
1,000
MA105D-15RWI-xx
5
4.5 - 9.0
447
40
±15.0
±50.0
±12.5
67
35.0
±220
1,000
MA105D-24RWI-xx
5
4.5 - 9.0
454
40
±24.0
±31.0
±7.7
66
35.0
±100
1,000
MA112S-05RWI-xx
12
9.0 - 18.0
169
20
5.0
300.0
75.0
74
35.0
2,200
500
MA112S-09RWI-xx
12
9.0 - 18.0
162
20
9.0
167.0
41.7
77
35.0
470
500
MA112S-12RWI-xx
12
9.0 - 18.0
164
20
12.0
125.0
31.3
76
35.0
470
500
MA112S-15RWI-xx
12
9.0 - 18.0
160
20
15.0
100.0
25.0
78
35.0
470
500
MA112S-24RWI-xx
12
9.0 - 18.0
160
20
24.0
62.5
15.6
78
35.0
220
500
MA112D-05RWI-xx
12
9.0 - 18.0
169
20
±5.0
±150.0
±37.5
74
35.0
±1,000
500
MA112D-09RWI-xx
12
9.0 - 18.0
164
20
±9.0
±83.3
±20.8
76
35.0
±220
500
MA112D-12RWI-xx
12
9.0 - 18.0
166
20
±12.0
±62.5
±15.6
75
35.0
±220
500
MA112D-15RWI-xx
12
9.0 - 18.0
160
20
±15.0
±50.0
±12.5
78
35.0
±220
500
MA112D-24RWI-xx
12
9.0 - 18.0
160
20
±24.0
±31.0
±7.7
78
35.0
±100
500
MA124S-05RWI-xx
24
18.0 - 36.0
84.5
12
5.0
300.0
75.0
74
35.0
2,200
200
MA124S-09RWI-xx
24
18.0 - 36.0
84.5
12
9.0
167.0
41.7
74
35.0
470
200
MA124S-12RWI-xx
24
18.0 - 36.0
82.0
12
12.0
125.0
31.3
76
35.0
470
200
MA124S-15RWI-xx
24
18.0 - 36.0
82.0
12
15.0
100.0
25.0
76
35.0
470
200
MA124S-24RWI-xx
24
18.0 - 36.0
81.0
12
24.0
62.5
15.6
77
35.0
220
200
MA124D-05RWI-xx
24
18.0 - 36.0
83.0
12
±5.0
±150.0
±37.5
75
35.0
±1,000
200
MA124D-09RWI-xx
24
18.0 - 36.0
82.0
12
±9.0
±83.3
±20.8
76
35.0
±220
200
MA124D-12RWI-xx
24
18.0 - 36.0
81.0
12
±12.0
±62.5
±15.6
77
35.0
±220
200
MA124D-15RWI-xx
24
18.0 - 36.0
80.0
12
±15.0
±50.0
±12.5
78
35.0
±220
200
MA124D-24RWI-xx
24
18.0 - 36.0
80.0
12
±24.0
±31.0
±7.7
78
35.0
±100
200
MA148S-05RWI-xx
48
36.0 - 72.0
43.0
8
5.0
300.0
75.0
73
35.0
2,200
100
MA148S-09RWI-xx
48
36.0 - 72.0
42.0
8
9.0
167.0
41.7
75
35.0
470
100
MA148S-12RWI-xx
48
36.0 - 72.0
40.5
8
12.0
125.0
31.3
77
35.0
470
100
MA148S-15RWI-xx
48
36.0 - 72.0
40.5
8
15.0
100.0
25.0
77
35.0
470
100
MA148S-24RWI-xx
48
36.0 - 72.0
40.0
8
24.0
62.5
15.6
78
35.0
220
100
MA148D-05RWI-xx
48
36.0 - 72.0
42.0
8
±5.0
±150.0
±37.5
74
35.0
±1,000
100
MA148D-09RWI-xx
48
36.0 - 72.0
42.0
8
±9.0
±83.3
±20.8
75
35.0
±220
100
MA148D-12RWI-xx
48
36.0 - 72.0
40.5
8
±12.0
±62.5
±15.6
77
35.0
±220
100
MA148D-15RWI-xx
48
36.0 - 72.0
40.0
8
±15.0
±50.0
±12.5
78
35.0
±220
100
MA148D-24RWI-xx
48
36.0 - 72.0
40.0
8
±24.0
±31.0
±7.7
78
35.0
±100
100
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
Model Number
For the alternate pin-out (see page 4) , add suffix “P2” to model number
(i.e. MA124S-05RWI-P2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com