Electronic Components Datasheet Search
  English  ▼

X  

OM5210SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM5210SC
Description  DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM5210SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM5210SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5210SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM5209SC - OM5213SC
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ELECTRICAL CHARACTERISTICS (Per Diode)
Maximum
Maximum
Maximum
Maximum
Type
PIV
Forward
Reverse
Reverse
Thermal
Voltage (1)
Current
Recovery
Resist.
T
j = 25° C
T
j = 100° C
T
j = 25° C
T
j = 100° C
Time (2)
Rq
q
JC
OM5209SC
50
OM5210SC
100
1.2V @ 15A
1.00V @ 15A
20 µA
1.0 mA
35 nsec
2.0
OM5211SC
150
OM5212SC
200
OM5213SC
400 1.45V @ 15A 1.25V @ 15A
20 µA
1.0 mA
50 nsec
1.8
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle 2.0%.
(2) Measured in Circuit: I
F = 0.5 A, IR = 1.0 A, IREC = 0.25 A
MECHANICAL OUTLINE
.100 TYP.
.140 TYP.
.035
.025
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.550
.530
.270
.240
.045
.035
.092 MAX.
.005
100
50
30
20
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
50 V TO 200 V
TYPICAL FORWARD VOLTAGE
OM5209, 5210, 5211, 5212, 5213
T
J = 150°C
TYPICAL REVERSE CURRENT
OM5209, 5210, 5211, 5212, 5213
V
R = REVERSE VOLTAGE (VOLTS)
25°C
100°C
V
F = REVERSE VOLTAGE (VOLTS)
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
20
40
60
80
100 120
140 160 180 200
25°C
100°C
T
J = 150°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com