Electronic Components Datasheet Search
  English  ▼

X  

OM5209SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM5209SC
Description  DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM5209SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM5209SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5209SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 49
3.2
4 11 R4
Supersedes 1 07 R3
DUAL HIGH EFFICIENCY RECTIFIERS IN
HERMETIC MO-078AA PACKAGE
FEATURES
• Very Low Forward Voltage
• Very Fast Switching Time
• Hermetic 5-Pin Metal Package, JEDEC MO-078AA Outline
• Low Thermal Resistance
• Isolated Package
• High Surge
• Two Uncommitted Rectifiers
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at
power switching frequencies in excess of 100 kHz. This series combines two
uncommitted high efficiency devices into one package, simplifying installation,
reducing heat sink hardware, and the need to obtain matched components. These
devices are ideally suited for demanding applications where small size and a
hermetically sealed package are required.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25°C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 400 V
Maximum Average D.C. Output Current @ T
C = 100° C . . . . . . . . . . . . . . . . . . . 15 A
Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 150 A
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55° C to +150° C
Z
OM5213SC
OM5211SC
OM5212SC
OM5209SC
OM5210SC
15 Amp, 50 To 400 Volts, 35 To 50 ns trr
1
2
5
4
12 3 4 5
CONNECTION DIAGRAM
SCHEMATIC


Similar Part No. - OM5209SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5209SC ETC1-OM5209SC Datasheet
23Kb / 2P
DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
logo
International Rectifier
OM5209SC IRF-OM5209SC Datasheet
23Kb / 2P
15 Amp, 50 To 400 Volts, 35 To 50 ns trr
OM5209SC IRF-OM5209SC_15 Datasheet
23Kb / 2P
15 Amp, 50 To 400 Volts, 35 To 50 ns trr
More results

Similar Description - OM5209SC

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2223A SEME-LAB-2N2223A Datasheet
18Kb / 2P
DUAL NPN TRANSISTOR IN TO77 HERMETIC PACKAGE
logo
International Rectifier
OM7764ASC IRF-OM7764ASC Datasheet
64Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA)
logo
Seme LAB
DSS25D-0045-T258 SEME-LAB-DSS25D-0045-T258 Datasheet
12Kb / 1P
DUAL SCHOTTKY BARRIER DIODE IN A HERMETIC TO258 PACKAGE
logo
Vishay Siliconix
RMKD VISHAY-RMKD Datasheet
113Kb / 3P
Hermetic, Dual-In-Line or TO Package Resistor Networks
27-Apr-01
logo
List of Unclassifed Man...
OM5209SC ETC1-OM5209SC Datasheet
23Kb / 2P
DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
logo
Maxim Integrated Produc...
MAX5084 MAXIM-MAX5084 Datasheet
267Kb / 4P
Ultra Low Dropout, 7.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA
19-3928; Rev 1; 4/06
logo
International Rectifier
OM7764 IRF-OM7764_13 Datasheet
168Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
OM6517SA IRF-OM6517SA_15 Datasheet
38Kb / 2P
Isolated IGBTs In A Hermetic Package
logo
Micropac Industries
53252 MICROPAC-53252 Datasheet
60Kb / 6P
8-Pin Dual-In-Line Hermetic Package
logo
Micross Components
MYXB21200-20GAB MICROSS-MYXB21200-20GAB Datasheet
365Kb / 4P
Two devices in one hermetic package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com