Electronic Components Datasheet Search
  English  ▼

X  

OM6006SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM6006SC
Description  POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM6006SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM6006SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6006SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM6006SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM6006SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.1 - 75
3.1
100V Thru 500V, Up To 35 Amp, N-Channel
MOSFET With Or Without Zener Gate
Clamp Protection
4 11 R5
Supersedes 1 07 R4
POWER MOSFET IN HERMETIC ISOLATED
JEDEC TO-258AA PACKAGE
FEATURES
• Isolated Hermetic Metal Package
• Bi-Lateral Zener Gate Protection (Optional)
• Fast Switching, Low Drive Current
• Ease Of Paralleling For Added Power
• Low RDS(on)
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of hermetically packaged products feature the latest advanced MOSFET
and packaging technology. They are ideally suited for Military requirements where
small size, high performance and high reliability are required, and in applications such
as switching power supplies, motor controls, inverters, choppers, audio amplifiers and
high energy pulse circuits. The MOSFET gates are protected using bi-lateral zener
clamps in the OM6105SC series.
MAXIMUM RATINGS
OM6107SC
OM6108SC
OM6105SC
OM6106SC
OM6007SC
OM6008SC
OM6005SC
OM6006SC
PART NUMBER
VDS
RDS(on)
ID
OM6005SC/OM6105SC
100 V
.065
35 A
OM6006SC/OM6106SC
200 V
.095
30 A
OM6007SC/OM6107SC
400 V
0.3
15 A
OM6008SC/OM6108SC
500 V
0.4
13 A
Note:
OM6105SC thru OM6108SC is supplied with zener gate protection.
OM6005SC thru OM6008SC is supplied without zener gate protection.
SCHEMATIC
WITHOUT ZENER CLAMPS
WITH ZENER CLAMPS
OM6005SC - 6008SC
OM6105SC - 6108SC
2 - SOURCE
3 - GATE
ZENERS
1 - DRAIN
3 - GATE
1 - DRAIN
2 - SOURCE


Similar Part No. - OM6006SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM6001ST ETC2-OM6001ST Datasheet
49Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
logo
International Rectifier
OM6001ST IRF-OM6001ST Datasheet
49Kb / 4P
Isolated Hermetic Metal Package
OM6001ST IRF-OM6001ST_15 Datasheet
49Kb / 4P
Isolated Hermetic Metal Package
logo
List of Unclassifed Man...
OM6002ST ETC-OM6002ST Datasheet
41Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
More results

Similar Description - OM6006SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6017SA ETC-OM6017SA Datasheet
44Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
OM7662 ETC-OM7662 Datasheet
33Kb / 4P
ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM6025SC ETC2-OM6025SC Datasheet
40Kb / 4P
POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM7662SC ETC2-OM7662SC Datasheet
40Kb / 4P
ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
OM7662SC IRF-OM7662SC_15 Datasheet
40Kb / 4P
Isolated Hermetic Package. JEDEC TO-258AA Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com