Electronic Components Datasheet Search
  English  ▼

X  

CAT28F010 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT28F010
Description  1 Megabit CMOS Flash Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F010 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT28F010 Datasheet HTML 2Page - Catalyst Semiconductor CAT28F010 Datasheet HTML 3Page - Catalyst Semiconductor CAT28F010 Datasheet HTML 4Page - Catalyst Semiconductor CAT28F010 Datasheet HTML 5Page - Catalyst Semiconductor CAT28F010 Datasheet HTML 6Page - Catalyst Semiconductor CAT28F010 Datasheet HTML 7Page - Catalyst Semiconductor CAT28F010 Datasheet HTML 8Page - Catalyst Semiconductor CAT28F010 Datasheet HTML 9Page - Catalyst Semiconductor CAT28F010 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT28F010
6
Doc. No. 25005-0A 2/98 F-1
Note:
(1) Please refer to Supply characteristics for the value of VPPH and VPPL. The VPP supply can be either hardwired or switched. If VPP is
switched, VPPL can be ground, less than VCC + 2.0V or a no connect with a resistor tied to ground.
(2) Program and Erase operations are controlled by internal stop timers.
(3) ‘Typicals’ are not guaranteed, but based on characterization data. Data taken at 25
°C, 12.0V V
PP.
(4) Minimum byte programming time (excluding system overhead) is 16
µs (10 µs program + 6 µs write recovery), while maximum is 400 µs/
byte (16
µs x 25 loops). Max chip programming time is specified lower than the worst case allowed by the programming algorithm since
most bytes program significantly faster than the worst case byte.
(5) Excludes 00H Programming prior to Erasure.
A.C. CHARACTERISTICS, Read Operation
VCC = +5V ±10%, unless otherwise specified.
28F010-70
28F010-90
28F010-12
\JEDEC
Standard
Symbol
Symbol
Parameter
Min.
Max
Min. Max.
Min. Max. Unit
tAVAV
tWC
Write Cycle Time
70
90
120
ns
tAVWL
tAS
Address Setup Time
0
0
0
ns
tWLAX
tAH
Address Hold Time
40
40
40
ns
tDVWH
tDS
Data Setup Time
40
40
40
ns
tWHDX
tDH
Data Hold Time
10
10
10
ns
tELWL
tCS
CE Setup Time
0
0
0
ns
tWHEH
tCH
CE Hold Time
0
0
0
ns
tWLWH
tWP
WE Pulse Width
40
40
40
ns
tWHWL
tWPH
WE High Pulse Width
20
20
20
ns
tWHWH1(2)
-
Program Pulse Width
10
10
10
µs
tWHWH2(2)
-
Erase Pulse Width
9.5
9.5
9.5
ms
tWHGL
Write Recovery Time
-
Before Read
6
6
6
µs
tGHWL
Read Recovery Time
-
Before Write
0
0
0
µs
tVPEL
-VPP Setup Time to CE
100
100
100
ns
28F010-55
28F010-70
28F010-90
28F010-12
Parameter
Min. Typ. Max.
Min. Typ. Max.
Min. Typ.
Max
Min. Typ. Max. Unit
Chip Erase Time (3)(5)
0.5
10
0.5
10
0.5
10
0.5
10
Sec
Chip Program Time (3)(4)
2
12.5
2
12.5
2
12.5
2
12.5 Sec
ERASE AND PROGRAMMING PERFORMANCE (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com