Electronic Components Datasheet Search
  English  ▼

X  

MA1000RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA1000RW
Description  MA1000RW SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA1000RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA1000RW Datasheet HTML 1Page - MicroPower Direct, LLC MA1000RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Derating Curve
Pin
Single
Dual
2-VIN
-VIN
3-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22
+VIN
+VIN
23
+VIN
+VIN
NC: No Connection
Pin Connections
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Max
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA1012S-02RW
12
9.0 - 18.0
791
10
2.5
3,000
0.0
3.9
2,200
81
2,500
MA1012S-03RW
12
9.0 - 18.0
1,006
10
3.3
3,000
0.0
3.9
2,200
84
2,500
MA1012S-05RW
12
9.0 - 18.0
992
10
5.0
2,000
0.0
6.2
2,200
86
2,500
MA1012S-12RW
12
9.0 - 18.0
980
10
12.0
833
0.0
15.0
820
87
2,500
MA1012S-15RW
12
9.0 - 18.0
958
10
15.0
667
0.0
18.0
470
89
2,500
MA1012D-12RW
12
9.0 - 18.0
980
10
±12.0
±416
±0.0
±15.0
±220
87
2,500
MA1012D-15RW
12
9.0 - 18.0
969
10
±15.0
±333
±0.0
±18.0
±150
88
2,500
MA1024S-02RW
24
9.0 - 18.0
381
10
2.5
3,000
0.0
3.9
2,200
84
1,200
MA1024S-03RW
24
9.0 - 18.0
497
10
3.3
3,000
0.0
3.9
2,200
85
1,200
MA1024S-05RW
24
18.0 - 36.0
479
10
5.0
2,000
0.0
6.2
2,200
89
1,200
MA1024S-12RW
24
18.0 - 36.0
485
10
12.0
833
0.0
15.0
820
88
1,200
MA1024S-15RW
24
18.0 - 36.0
485
10
15.0
667
0.0
18.0
470
88
1,200
MA1024D-12RW
24
18.0 - 36.0
485
10
±12.0
±416
±0.0
±15.0
±220
88
1,200
MA1024D-15RW
24
18.0 - 36.0
474
10
±15.0
±333
±0.0
±18.0
±150
90
1,200
MA1048S-02RW
48
9.0 - 18.0
191
10
2.5
3,000
0.0
3.9
2,200
84
750
MA1048S-03RW
48
36.0 - 75.0
249
10
3.3
3,000
0.0
3.9
2,200
85
750
MA1048S-05RW
48
36.0 - 75.0
242
10
5.0
2,000
0.0
6.2
2,200
88
750
MA1048S-12RW
48
36.0 - 75.0
245
10
12.0
833
0.0
15.0
820
87
750
MA1048S-15RW
48
36.0 - 75.0
242
10
15.0
667
0.0
18.0
470
88
750
MA1048D-12RW
48
36.0 - 75.0
245
10
±12.0
±416
±0.0
±15.0
±220
87
750
MA1048D-15RW
48
36.0 - 75.0
245
10
±15.0
±333
±0.0
±18.0
±150
87
750
Notes:
1. Load regulation is specified for a load change of 0% to 100%. Load regulation for 3.3V output models
is ±1.0% max for a load change of 0% to 100%.
2. When measuring cross regulation, the load on one output is varied from 25% to 100% while the other
output is held at 100%.
3. When measuring output ripple, it is recommended that an external 1.0 µF ceramic capacitor be placed
from the +VOUT pin to the -VOUT pin for single output units and from each output to common for dual
output units. For noise sensitive applications, the use of 3.3 µF capacitors will reduce the output ripple.
4. To help meet conducted emissions requirements, the Pi filter components (C1, & L1) in the diagram
below should be used. These components should be mounted as close to the module as possible.
To meet the requirements of EN 61000-4-4 and EN 61000-4-5, an external filter capacitor (C2 in the
diagram below) is required.
5. Operation at no-load will not damage these units. However, they may not meet all specifications.
6. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this, connect the
load across the positive (+VOUT) and negative (-VOUT) outputs and float the output common.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table
above for the correct rating.
Recommended Input Components



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com