Electronic Components Datasheet Search
  English  ▼

X  

SBB501SCKA Datasheet(PDF) 8 Page - International Rectifier

Part # SBB501SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBB501SCKA Datasheet(HTML) 8 Page - International Rectifier

Back Button SBB501SCKA Datasheet HTML 3Page - International Rectifier SBB501SCKA Datasheet HTML 4Page - International Rectifier SBB501SCKA Datasheet HTML 5Page - International Rectifier SBB501SCKA Datasheet HTML 6Page - International Rectifier SBB501SCKA Datasheet HTML 7Page - International Rectifier SBB501SCKA Datasheet HTML 8Page - International Rectifier SBB501SCKA Datasheet HTML 9Page - International Rectifier SBB501SCKA Datasheet HTML 10Page - International Rectifier SBB501SCKA Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.irf.com
SBB SERIES
Single Output
Fig 2: Typical Efficiency @25°C - 1.2V Output (For Part Number SBB501R2S)
Typical Efficiency at 25 Degrees C, 1.2V Output
SBB501R2S
50%
55%
60%
65%
70%
75%
80%
85%
01
2345
67
8
9
10
11
12
13
14
Output Current, A
Vin = 4.5V
Vin = 5.0V
Vin = 5.5V
Fig 3: Typical Efficiency @+85°C - 1.2V Output (For Part Number SBB501R2S)
Typical Efficiency at +85 Degrees C, 1.2V Output
SBB501R2S
50%
55%
60%
65%
70%
75%
80%
85%
01
234
5
6
7
8
9
10
11
12
13
14
Output Current, A
Vin = 4.5V
Vin = 5.0V
Vin = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com