Electronic Components Datasheet Search
  English  ▼

X  

DO-41 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # DO-41
Description  Silicon 2 Watt Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DO-41 Datasheet(HTML) 1 Page - Microsemi Corporation

  DO-41 Datasheet HTML 1Page - Microsemi Corporation DO-41 Datasheet HTML 2Page - Microsemi Corporation DO-41 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon 2 Watt Zener Diode
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2008
11-06-2008 REV C
S C O T TS DALE DIVISION
2EZ3.6D5 thru 2EZ200D5, e3
DESCRIPTION
APPEARANCE
The 2EZ3.6D5 thru 2EZ200D5 series of axial-leaded 2.0 watt Zeners
provides voltage regulation selections with 5% tolerances from 3.6 to 200
volts in a DO-41 plastic package size. Other Zener voltage tolerances are
also available by changing the suffix number to the tolerance desired such
as 1 and 2 for tighter tolerances or 10 for wider tolerance. These plastic
encapsulated Zeners are also available in various military equivalent
screening levels by adding a prefix identifier as also described in the
Features section. They may be operated at high maximum dc currents or
full power rating with adequate heat. Microsemi also offers numerous other
Zener products to meet higher and lower power applications.
DO-41 or
DO-204AL
(Plastic)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Zener voltage available 3.6 V to 200 V
•
Standard voltage tolerances are plus/minus 5% with a 5
suffix and 10 % with 10 suffix identification
•
Tight tolerances available in plus or minus 2% or 1%
with 2 or 1 suffix respectively
•
Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, and JANTXV are available by
adding MQ, MX, or MV prefixes respectively to part
numbers.
•
Surface mount equivalents available as
SMBJ2EZ3.6D5 to SMBJ2EZ200D5 in the DO-214AA
package, or SMBG2EZ3.6D5 to SMBG200D5 in the
DO-215AA package
•
RoHS compliant devices available by adding “e3” suffix
•
Regulates voltage over a broad operating current
and temperature range
•
Wide selection from 3.6 to 200 V
•
Flexible axial-lead mounting terminals
•
Nonsensitive to ESD per MIL-STD-750 Method
1020
•
Withstands surge stresses
•
High specified maximum current (IZM) when
adequately heat sunk
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
Power dissipation at 25
ºC: 3.0 watts (also see
derating in Figure 1).
•
Operating and Storage temperature: -65
ºC to +150ºC
•
Thermal Resistance: 45
ºC/W junction to lead at 3/8
(10 mm) lead length from body, or 105
ºC/W junction
to ambient when mounted on FR4 PC board (1oz Cu)
with 4 mm
2 copper pads and track width 1 mm, length
25 mm
•
Steady-State Power: 2 watts at TL < 60
oC 3/8 inch
(10 mm) from body, or 1.19 watts at TA = 25
ºC when
mounted on FR4 PC described for thermal resistance
(also see Figure 1)
•
Forward voltage @200 mA: 1.2 volts (maximum)
•
Solder Temperatures: 260
ºC for 10 s (max)
•
CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
•
TERMINALS: Leads, tin-lead or RoHS compliant
annealed matte-Tin plating solderable per MIL-
STD-750, method 2026
•
POLARITY: Cathode indicated by band where
diode is to be operated with the banded end
positive with respect to the opposite end for Zener
regulation.
•
MARKING: Part number
•
TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
•
WEIGHT: 0.4 grams
•
See package dimensions on last page


Similar Part No. - DO-41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DO-41 ETC-DO-41 Datasheet
153Kb / 3P
Hermetically Sealed Glass Axial Package
logo
Shenzhen Luguang Electr...
DO-41 LUGUANG-DO-41 Datasheet
187Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
DO-41 LUGUANG-DO-41 Datasheet
157Kb / 2P
Plastic Silicon Rectifiers
DO-41 LUGUANG-DO-41 Datasheet
291Kb / 4P
400 Watts Transient Voltage Suppressor Diodes
DO-41 LUGUANG-DO-41 Datasheet
197Kb / 2P
Glass Passivated Junction
More results

Similar Description - DO-41

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5913 MCC-SMBJ5913 Datasheet
353Kb / 2P
Silicon Zener Diode 3.0 Watt
logo
Microsemi Corporation
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
Silicon 1 Watt Zener Diode
logo
New Jersey Semi-Conduct...
1N4557B NJSEMI-1N4557B Datasheet
171Kb / 1P
SILICON 50 WATT ZENER DIODE
logo
Frontier Electronics.
1N5333B FRONTIER-1N5333B Datasheet
138Kb / 4P
5 WATT SILICON ZENER DIODE
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
5 WATT SILICON ZENER DIODE
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
1.5 WATT SILICON ZENER DIODE
1N5921B-LFR FRONTIER-1N5921B-LFR Datasheet
127Kb / 2P
1.5 WATT SILICON ZENER DIODE
ZSL30-6.8B FRONTIER-ZSL30-6.8B Datasheet
127Kb / 3P
3 WATT SILICON ZENER DIODE
logo
Microsemi Corporation
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
Silicon 3.0 Watt Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com