Electronic Components Datasheet Search
  English  ▼

X  

2SC4725 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4725
Description  High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4725 Datasheet(HTML) 1 Page - Rohm

  2SC4725 Datasheet HTML 1Page - Rohm 2SC4725 Datasheet HTML 2Page - Rohm 2SC4725 Datasheet HTML 3Page - Rohm 2SC4725 Datasheet HTML 4Page - Rohm 2SC4725 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/3
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5661 / 2SC4725 / 2SC4082 / 2SC3837K
Features
1) High transition frequency. (Typ. fT = 1.5GHz)
2) Small rbb’
Cc and high gain. (Typ. 6ps)
3) Small NF.
Packaging specifications and hFE
Type
2SC4725
EMT3
NP
AC∗
TL
3000
2SC5661
VMT3
NP
AC∗
T2L
8000
2SC4082
UMT3
NP
1C∗
T106
3000
2SC3837K
SMT3
NP
AC∗
T146
3000
∗ Denotes hFE
Package
hFE
Marking
Code
Basic ordering unit
(pieces)
 Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
30
20
3
50
0.2
150
−55 to +150
Unit
V
V
V
mA
0.15
2SC4082, 2SC3837K
2SC5661, 2SC4725
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Dimensions (Unit : mm)
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
(2) Base
(3) Collector
(1) Emitter
(3) Collector
(1) Emitter
(2) Base
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
Each lead has same dimensions
2SC4725
2SC4082
2SC3837K
2SC5661
ROHM : VMT3
ROHM : EMT3
EIAJ : SC-75A
ROHM : UMT3
EIAJ : SC-70
ROHM : SMT3
EIAJ : SC-59
(1) Base
(2) Emitter
(3) Collector
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
fT
Cob
rbb'·Cc
NF
30
20
3
−
−
82
600
−
−
−
−
−
−
−
1500
0.9
−
−
−
0.5
0.5
180
−
1.5
V
V
V
μA
μA
−
MHz
pF
IC
= 10μA
IC
= 1mA
IE
= 10μA
VCB
= 15V
VEB
= 2V
VCE(sat)
−−
0.5
V
IC/IB
= 20mA/4mA
VCE/IC
= 10V/10mA
VCE
= 10V , IE = −10mA , f = 200MHz
VCB
= 10V , IE = 0A , f = 1MHz
VCB
= 10V , IC = 10mA , f = 31.8MHz
VCE
= 12V , IC = 2mA , f = 200MHz , Rg = 50Ω
−
613
ps
−
4.5
−
dB
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Transition frequency
Output capacitance
Collector-emitter saturation voltage
Collector-base time constant
Noise factor
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.


Similar Part No. - 2SC4725

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4725 ROHM-2SC4725 Datasheet
75Kb / 4P
High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)
2SC4725 ROHM-2SC4725 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4725 ROHM-2SC4725 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
More results

Similar Description - 2SC4725

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5661 ROHM-2SC5661 Datasheet
75Kb / 4P
High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4726 ROHM-2SC4726_10 Datasheet
153Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3838KT146P ROHM-2SC3838KT146P Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726TLP ROHM-2SC4726TLP Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com