Electronic Components Datasheet Search
  English  ▼

X  

13A Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # 13A
Description  COMMERCIAL PHONE JACKS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

13A Datasheet(HTML) 1 Page - Switchcraft, Inc.

  13A Datasheet HTML 1Page - Switchcraft, Inc. 13A Datasheet HTML 2Page - Switchcraft, Inc. 13A Datasheet HTML 3Page - Switchcraft, Inc. 13A Datasheet HTML 4Page - Switchcraft, Inc. 13A Datasheet HTML 5Page - Switchcraft, Inc. 13A Datasheet HTML 6Page - Switchcraft, Inc. 13A Datasheet HTML 7Page - Switchcraft, Inc. 13A Datasheet HTML 8Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Previous Page | Return to Index | Next Page
1/4" PHONE JACKS
1. 14B
2. FAL-11 .205 FASTON TERMINAL
3. PC-12A
4. 11


Similar Part No. - 13A

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
13A BLK MULTICOMP-13A BLK Datasheet
145Kb / 1P
13 A Quick Fit - Main Plugs
30/05/12 V1.1
13A PLUG RED MULTICOMP-13A PLUG RED Datasheet
145Kb / 1P
13 A Quick Fit - Main Plugs
30/05/12 V1.1
logo
Honeywell Solid State E...
13AC1 HONEYWELL-13AC1 Datasheet
116Kb / 2P
Interactive Catalog Replaces Catalog Pages
13AC1 HONEYWELL-13AC1 Datasheet
231Kb / 7P
Interactive Catalog Replaces Catalog Pages
13AC1 HONEYWELL-13AC1 Datasheet
117Kb / 2P
Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 13A

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
Modular Jacks
logo
Switchcraft, Inc.
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
1/4 RIGHT-ANGLE PHONE JACKS
280 SWITCH-280 Datasheet
32Kb / 1P
1/4 COMMERCIAL PHONE PLUGS
logo
List of Unclassifed Man...
6046 ETC2-6046 Datasheet
401Kb / 1P
TEST JACKS
logo
Switchcraft, Inc.
TR2A SWITCH-TR2A Datasheet
310Kb / 1P
SUBMINIATURE PHONE JACKS, TR2A AND TR1PC
logo
List of Unclassifed Man...
NP2X ETC2-NP2X Datasheet
4Mb / 23P
Plugs & Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
MODULAR JACKS
logo
Switchcraft, Inc.
N113X SWITCH-N113X Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com