Electronic Components Datasheet Search
  English  ▼

X  

CAT35C804APATE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT35C804APATE13
Description  4K-Bit Secure Access Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT35C804APATE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT35C804APATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT35C804APATE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Preliminary
CAT35C804A
4K-Bit Secure Access Serial E2PROM
FEATURES
s Single 5V Supply
s Password READ/WRITE Protection: 1 to 8 Bytes
s Memory Pointer WRITE Protection
s Sequential READ Operation
s 256 x16 or 512 x 8 Selectable Serial Memory
s UART Compatible Asynchronous Protocol
s 100,000 Program/Erase Cycles
s Commercial, Industrial and Automotive
Temperature Ranges
s I/O Speed: 9600 Baud
–Clock Frequency: 4.9152 MHz Xtal
s Low Power Consumption:
–Active: 3 mA
–Standby: 250
µA
s 100 Year Data Retention
DESCRIPTION
The CAT35C804A is a 4K-bit Serial E2PROM that safe-
guards stored data from unauthorized access by use of
a user selectable (1 to 8 byte) access code and a
movable memory pointer. Two operating modes provide
unprotected and password-protected operation allow-
ing the user to configure the device as anything from a
ROM to a fully protected no-access memory. The
CAT35C804A uses a UART compatible asynchronous
protocol and has a Sequential Read feature where data
can be sequentially clocked out of the memory array.
The device is available in 8-pin DIP or 16-pin SOIC
packages.
35C804 F02
BLOCK DIAGRAM
5074 FHD F01
PIN CONFIGURATION
SOIC Package (J)
DIP Package (P)
CS
CLK
DI
DO
VCC
PE
ERR
GND
DI
DO
NC
NC
ERR
GND
NC
NC
NC
NC
CS
CLK
NC
NC
VCC
PE
1
2
3
4
8
7
6
5
1
2
3
4
16
15
14
13
512
611
710
89
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
DO(1)
Serial Data Output
CLK
Clock Input
DI(1)
Serial Data Input
PE
Parity Enable
ERR
Error Indication Pin
VCC
+5V Power Supply
GND
Ground
Note:
(1) DI, DO may be tied together to form a common I/O.
-
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
SERIAL
COMMUNI-
CATION
BLOCK
INSTRUCTION
REGISTER
INSTRUCTION
DECODER
STATUS
REGISTER
64-BIT ACCESS CODE
&
CONTROL BLOCK
4K-BIT EEPROM
ARRAY
R/W
BUFFER
ADDRESS
DECODER
ADDRESS
REGISTER
MEMORY
POINTER
DO
CLK
PE
CS
DI
ERR
VCC
GND
Doc. No. 25043-00 2/98


Similar Part No. - CAT35C804APATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C102 CATALYST-CAT35C102 Datasheet
424Kb / 7P
2K-Bit SERIAL E2PROM
CAT35C102I CATALYST-CAT35C102I Datasheet
424Kb / 7P
2K-Bit SERIAL E2PROM
CAT35C102P CATALYST-CAT35C102P Datasheet
424Kb / 7P
2K-Bit SERIAL E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
4K-Bit SERIAL E2PROM
CAT35C104I CATALYST-CAT35C104I Datasheet
423Kb / 7P
4K-Bit SERIAL E2PROM
More results

Similar Description - CAT35C804APATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
2K/4K/8K/16K-Bit Serial E2PROM
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
1K/2K/4K-Bit SPI Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
4K-Bit SERIAL E2PROM
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
RF SECURE ACCESS Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com