Electronic Components Datasheet Search
  English  ▼

X  

627 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 627
Description  MODELS 627, 628 Model 627, 628 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

627 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  627 Datasheet HTML 1Page - List of Unclassifed Manufacturers 627 Datasheet HTML 2Page - List of Unclassifed Manufacturers 627 Datasheet HTML 3Page - List of Unclassifed Manufacturers 627 Datasheet HTML 4Page - List of Unclassifed Manufacturers 627 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODELS 627, 628
Model 627, 628 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.12
• .220” Small Outline
• Dual-In-Line
• Thick Film
• Surface Mount
• Resistor Networks
• RoHS Compliant
Standard Resistance Range, Ohms
10 to 1Meg (Plus “0” Ohm Jumper)
Standard Resistance Tolerance, at 25°C
±2%(<33
Ω = ±1 Ohm)
(Optional: F Tol. = ±1%)
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
±100ppm/°C (<100
Ω = ±250ppm/°C)
Temperature Coefficient of Resistance, Tracking
±50ppm/°C
Maximum Operating Voltage
50Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
Thermal Shock plus Power Conditioning
ΔR 0.70%
Short Time Overload
ΔR 0.25%
Moisture Resistance
ΔR 0.50%
Mechanical Shock
ΔR 0.25%
Vibration
ΔR 0.25%
Low Temperature Operation
ΔR 0.25%
High Temperature Exposure
ΔR 0.50%
Load Life, 2000 Hours (
≤330Ω = ±0.5 Ohm)
ΔR 0.50%
Resistance to Solder Heat (Total Immersion in solder at 280°C for 10 sec.)
ΔR 0.25%
Dielectric Withstanding Voltage
200V for 1 minute
Temperature Exposure, Maximum
215°C for 3 minutes
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL-94V-0 Rated
Storage Temperature Range
–55°C to +150°C
Electrical
Environmental


Similar Part No. - 627

ManufacturerPart #DatasheetDescription
logo
Bi technologies
627 BITECH-627 Datasheet
65Kb / 5P
220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
627 BITECH-627 Datasheet
276Kb / 5P
.220??Small Outline
logo
List of Unclassifed Man...
627 ETC2-627 Datasheet
61Kb / 1P
CE-Mark Approval
logo
Abbatron All Rights Res...
627 ABBATRON-627 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
TT Electronics.
627 TTELEC-627 Datasheet
418Kb / 5P
Resistors
07.14
More results

Similar Description - 627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160EVM-627 TI1-TPS62160EVM-627 Datasheet
1Mb / 15P
TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
logo
Spectrum Microwave, Inc...
SF0627BA03161S SPECTRUM-SF0627BA03161S Datasheet
141Kb / 3P
627 MHz SAW Filter 26 MHz Bandwidth
logo
API Technologies Corp
SF0627BA03161S APITECH-SF0627BA03161S Datasheet
141Kb / 3P
627 MHz SAW Filter 26 MHz Bandwidth
logo
List of Unclassifed Man...
627-000-001 ETC2-627-000-001 Datasheet
226Kb / 2P
627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
627-000-003 ETC2-627-000-003 Datasheet
216Kb / 2P
627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
logo
TAI-SAW TECHNOLOGY CO.,...
TA1357A TAI-SAW-TA1357A Datasheet
440Kb / 6P
SAW Filter 627 MHz
logo
IET Labs Inc.
RS-CS-LS IET-RS-CS-LS Datasheet
301Kb / 2P
RS Series -- Standard Models
logo
EDAC, All Rights Reserv...
627-025-620-049 EDAC-627-025-620-049 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
628-METAL-SERIES EDAC-628-METAL-SERIES Datasheet
467Kb / 3P
628 (Metal) Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112" (2.84mm) Row Spacing | Vertical | Receptacle | Metal Body
628-PLASTIC-SERIES EDAC-628-PLASTIC-SERIES Datasheet
260Kb / 2P
628 (Plastic) Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112" (2.84mm) Row Spacing | Vertical | Receptacle | Plastic Body
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com