Electronic Components Datasheet Search
  English  ▼

X  

CAT523 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT523
Description  Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT523 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT523 Datasheet HTML 1Page - Catalyst Semiconductor CAT523 Datasheet HTML 2Page - Catalyst Semiconductor CAT523 Datasheet HTML 3Page - Catalyst Semiconductor CAT523 Datasheet HTML 4Page - Catalyst Semiconductor CAT523 Datasheet HTML 5Page - Catalyst Semiconductor CAT523 Datasheet HTML 6Page - Catalyst Semiconductor CAT523 Datasheet HTML 7Page - Catalyst Semiconductor CAT523 Datasheet HTML 8Page - Catalyst Semiconductor CAT523 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
© 2001 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Advance Information
FEATURES
s Two 8-bit DPPS Configured as Programmable
Voltages in DAC-like Applications
s Buffered Wiper Outputs
s Nonvolatile Wiper Storage
s Output voltage range includes both supply rails
s 2 independently addressable output wipers
s 1 LSB Accuracy, High Resolution
s Serial
µP interface
s Single supply operation: 2.7V-5.5V
s Setting read-back without effecting outputs
APPLICATIONS
s Automated product calibration.
s Remote control adjustment of equipment
s Offset, gain and zero adjustments in Self-
Calibrating and Adaptive Control systems.
s Tamper-proof calibrations.
s DAC (with memory) substitute
DESCRIPTION
The CAT523 is a dual, 8-bit digitally-programmable
potentiometer configured for programmable voltage and
DAC-like applications. Intended for final calibration of
products such as camcorders, fax machines and cellular
telephones on automated high volume production lines,
it is also well suited for systems capable of self
calibration, and applications where equipment which is
either difficult to access or in a hazardous environment,
requires periodic adjustment.
The 2 independently programmable DPPs have a
common output voltage range which
includes both
supply rails. The wipers are buffered by rail to rail OP
AMPS. Wiper settings, stored in non-volatile memory,
are not lost when the device is powered down and are
automatically reinstated when power is returned. Each
wiper can be dithered to test new output values without
effecting the stored settings and stored settings can be
read back without disturbing the DAC’s output.
Control of the CAT523 is accomplished with a simple 3
wire serial interface. A Chip Select pin allows several
CAT523's to share a common serial interface and
communication back to the host controller is via a single
serial data line thanks to the CAT523’s Tri-Stated Data
Output pin. A RDY/
BSY output working in concert with
an internal low voltage detector signals proper operation
of non-volatile Erase/Write cycle.
The CAT523 is available in the 0 to 70
° C Commercial
and –40
° C to + 85° C Industrial operating temperature
ranges and offered in 14-pin plastic DIP and SOIC
mount packages.
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
CAT523
Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
DIP Package (P)
SOIC Package (J)
CAT523
Doc. No. 25076-00 2/98 M-1
RDY/
BSY
CLK
CS
PROG
DI
DO
VDD
2
3
4
13
12
11
5
6
7
10
9
8
114
GND
VREFH
VOUT1
VOUT2
VREFL
CLK
CS
PROG
DI
DO
VDD
2
3
4
13
12
11
5
6
7
10
9
8
114
GND
VREFH
VOUT1
VOUT2
VREFL
CAT
523
CAT
523
RDY/
BSY
NC
NC
NC
NC
RDY/BSY
PROG
PROGRAM
CONTROL
DI
CS
CLK
SERIAL
CONTROL
SERIAL
DATA
OUTPUT
REGISTER
GND
V
DD
14
7
5
2
4
V
1
13
12
OUT
OUT
V
2
6
DO
8
9
31
DATA
REGISTER
AND
NONVOLATILE
MEMORY
+
+
V
REFH
V
L
REF
7K
Ω
7K
Ω


Similar Part No. - CAT523

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT523 CATALYST-CAT523 Datasheet
236Kb / 15P
Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT523 ONSEMI-CAT523 Datasheet
201Kb / 15P
Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
logo
Catalyst Semiconductor
CAT523J-TE10 CATALYST-CAT523J-TE10 Datasheet
102Kb / 11P
Configured Digitally Programmable Potentiometer
CAT523JI-TE10 CATALYST-CAT523JI-TE10 Datasheet
102Kb / 11P
Configured Digitally Programmable Potentiometer
More results

Similar Description - CAT523

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
82Kb / 12P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
Configured Digitally Programmable Potentiometer
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525_07 Datasheet
254Kb / 16P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
CAT522 ONSEMI-CAT522 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2004 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com