Electronic Components Datasheet Search
  English  ▼

X  

4545 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4545
Description  Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4545 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4545 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4545 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S t a y C o n n e c t e d w i t h H e y c o L i q u i d T i g h t C o r d g r i p s
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
CABLE DIA. RANGE
PART THREAD
PART DIMENSIONS
NO.
SIZE
A
B
C
D
Minimum
Maximum
or
Clearance
Max. O.A.
Thread
Wrenching Nut
Hole Dia.
Length
Length
Flat Size
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
.138
3,5
.197
5,0
4530
.197
5,0
.256
6,5
4531
PG 7
.500
12,7
1.063
27,0
.394
10,0
.590
15,0
.256
6,5
.315
8,0
4532
.256
6,5
.295
7,5
4611* PG 7
.500
12,7
.906
23,0
.236
6,0
.138
3,5
.177
4,5
4533
.177
4,5
.236
6,0
4534
PG 9
.610
15,5
1.181
30,0
.394
10,0
.709
18,0
.236
6,0
.315
8,0
4535
.315
8,0
.413
10,5
4536
.157
4,0
.216
5,5
4537
.216
5,5
.335
8,5
4538
PG 11
.748
19,0
1.220
31,0
.394
10,0
.827
21,0
.335
8,5
.472
12,0
4539
.236
6,0
.315
8,0
4540
.315
8,0
.433
11,0
4541
PG 13.5
.827
21,0
1.220
31,0
.394
10,0
.945
24,0
.433
11,0
.590
15,0
4542
.236
6,0
.315
8,0
4543
.315
8,0
.433
11,0
4544
PG 16
.906
23,0
1.220
31,0
.394
10,0
.945
24,0
.433
11,0
.590
15,0
4545
.374
9,5
.492
12,5
4546
.492
12,5
.630
16,0
4547
PG 21
1.142
29,0
1.457
37,0
.472
12,0
1.181
30,0
.630
16,0
.807
20,5
4548
.630
16,0
.748
19,0
4549
.748
19,0
.905
23,0
4550
PG 29
1.476
37,5
1.575
40,0
.472
12,0
1.496
38,0
.905
23,0
1.083
27,5
4551
.846
21,5
1.024
26,0
4552
1.024
26,0
1.201
30,5
4553
PG 36
1.858
47,2
1.850
47,0
.591
15,0
1.969
50,0
1.201
30,5
1.378
35,0
4554
1.142
29,0
1.299
33,0
4555
1.299
33,0
1.457
37,0
4556
PG 42
2.138
54,3
1.929
49,0
.591
15,0
2.156
55,0
1.457
37,0
1.654
42,0
4557
• Nickel plated brass construction for
superior protection of flexible cables.
• Nickel-plated finish over brass
provides excellent corrosion
resistance and durability.
• IP 68 rated.
• For use in clearance or threaded holes.
• Long PG threads provide additional
threads for easy locknut assembly.
• Multiple sizes for flexible cord diameters
ranging from .138˝ (3,5 mm) to
1.654˝ (42,0 mm).
• We recommend using the smallest
cordgrip that accommodates your
cable size.
• Sealing gland is molded in
Thermoplastic Polymer
Elastomer (TPE) Material.
• Locknuts not included.
For metal locknut specifications
or to order locknuts separately,
see section 3 in Heyco’s Power
Components Catalog or go to
www.heyco.com.
Material
Nickel-Plated Brass w/TPE Sealing Gland
Certifications
Certified by UL for Compliance with both Canadian and U.S. requirements
under File E51579.
Recognized under the Component Program of Underwriters’ Laboratories
File E51579 to both Canadian and U.S. requirements.
Temperature Rating
-40°F (-40°C) to 212°F (100°C)
IP Rating
IP 68
c
US
B
C
A
D
Clearance Hole
Heyco
®-Tite Brass
Liquid Tight Cordgrips
PG Hubs
The Ultimate in Liquid Tight Strain Relief Protection
*Short .236˝ (6,0 mm) thread
c
US
c
US
c
US
c
US
c
US
NEW
!


Similar Part No. - 4545

ManufacturerPart #DatasheetDescription
logo
Heyco.
4545 HEYCO-4545 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Adafruit Industries
4545 ADAFRUIT-4545 Datasheet
1Mb / 2P
Tubing for Submersible Pumps - PVC 6mm ID - 1 Meter Long
3-11-20
logo
RAF ELECTRONIC HARDWARE
4545 RAF-4545 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4545-256-AL RAF-4545-256-AL Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4545-256-AL-7 RAF-4545-256-AL-7 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
More results

Similar Description - 4545

ManufacturerPart #DatasheetDescription
logo
Heyco.
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4530 HEYCO-4530 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4560 HEYCO-4560 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4600 HEYCO-4600 Datasheet
360Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
4613 HEYCO-4613 Datasheet
340Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
14830 HEYCO-14830 Datasheet
112Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14850 HEYCO-14850 Datasheet
113Kb / 1P
Heyco®-Tite Brass Liquid Tight Clamping Cordgrips
14890 HEYCO-14890 Datasheet
84Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14905 HEYCO-14905 Datasheet
87Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com