Electronic Components Datasheet Search
  English  ▼

X  

CAT524 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT524
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT524 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT524 Datasheet HTML 1Page - Catalyst Semiconductor CAT524 Datasheet HTML 2Page - Catalyst Semiconductor CAT524 Datasheet HTML 3Page - Catalyst Semiconductor CAT524 Datasheet HTML 4Page - Catalyst Semiconductor CAT524 Datasheet HTML 5Page - Catalyst Semiconductor CAT524 Datasheet HTML 6Page - Catalyst Semiconductor CAT524 Datasheet HTML 7Page - Catalyst Semiconductor CAT524 Datasheet HTML 8Page - Catalyst Semiconductor CAT524 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT524
2
Doc. No. 25076-00 Rev. 4/01 M-1
Logic Inputs
IIH
Input Leakage Current
VIN = VDD
——
10
µA
IIL
Input Leakage Current
VIN = 0V
——
–10
µA
VIH
High Level Input Voltage
2
—
VDD
V
VIL
Low Level Input Voltage
0
—
0.8
V
References
VRH
VREFH Input Voltage Range
2.7
—
VDD
V
VRL
VREFL Input Voltage Range
GND
—
VDD -2.7
V
ZIN
VREFH–VREFL Resistance
—
7
—
k
Ω
Logic Outputs
VOH
High Level Output Voltage
IOH = – 40 µAVDD –0.3
——
V
VOL
Low Level Output Voltage
IOL = 1 mA, VDD = +5V
——
0.4
V
IOL = 0.4 mA, VDD = +3V
——
0.4
V
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
VDD to GND ...................................... –0.5V to +7V
Inputs
CLK to GND ............................ –0.5V to VDD +0.5V
CS to GND .............................. –0.5V to VDD +0.5V
DI to GND ............................... –0.5V to VDD +0.5V
PROG to GND ........................ –0.5V to VDD +0.5V
VREFH to GND ........................ –0.5V to VDD +0.5V
VREFL to GND ......................... –0.5V to VDD +0.5V
Outputs
D0 to GND ............................... –0.5V to VDD +0.5V
VOUT 1– 4 to GND ................... –0.5V to VDD +0.5V
Operating Ambient Temperature
Commercial (‘C’ or Blank suffix) ...... 0
°C to +70°C
Industrial (‘I’ suffix) ...................... – 40
°C to +85°C
Junction Temperature ..................................... +150
°C
Storage Temperature ....................... –65
°C to +150°C
Lead Soldering (10 sec max) .......................... +300
°C
* Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Absolute
Maximum Ratings are limited values applied individually while
other parameters are within specified operating conditions,
and functional operation at any of these conditions is NOT
implied. Device performance and reliability may be impaired by
exposure to absolute rating conditions for extended periods of
time.
DC ELECTRICAL CHARACTERISTICS:
VDD = +2.7 to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min
Max
Units
Test Method
VZAP(1)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(1)(2)
Latch-Up
100
mA
JEDEC Standard 17
NOTES: 1. This parameter is tested initially and after a design or process change that affects the parameter.
2. Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC + 1V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Resolution
8
——
Bits
Accuracy
INL
Integral Linearity Error
ILOAD = 10 µA
TR = C
——
± 1
LSB
ILOAD = 10 µA
TR = I
——
± 1
LSB
ILOAD = 40 µA
TR = C
——
± 2
LSB
ILOAD = 40 µA
TR = I
——
± 2
LSB
DNL
Differential Linearity Error
ILOAD = 10 µA
TR = C
——
± 0.5
LSB
ILOAD = 10 µA
TR = I
——
± 0.5
LSB
ILOAD = 40 µA
TR = C
——
± 1.5
LSB
ILOAD = 40 µA
TR = I
——
± 1.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com