Electronic Components Datasheet Search
  English  ▼

X  

CAT525 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT525
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT525 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT525 Datasheet HTML 1Page - Catalyst Semiconductor CAT525 Datasheet HTML 2Page - Catalyst Semiconductor CAT525 Datasheet HTML 3Page - Catalyst Semiconductor CAT525 Datasheet HTML 4Page - Catalyst Semiconductor CAT525 Datasheet HTML 5Page - Catalyst Semiconductor CAT525 Datasheet HTML 6Page - Catalyst Semiconductor CAT525 Datasheet HTML 7Page - Catalyst Semiconductor CAT525 Datasheet HTML 8Page - Catalyst Semiconductor CAT525 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
SERIAL
DATA
OUTPUT
REGISTER
V
L1
REF
V
H1
REF
V
1
18
16
15
8
17
OUT
V
3
V
4
OUT
V
2
OUT
OUT
DO
+
–
+
–
+
–
+
–
PROG
RDY/
BSY
PROGRAM
CONTROL
H.V.
CHARGE
PUMP
DATA
CONTROLLER
5
CLK
CS
4
6
7
9
V
H2
REF
V
H3
REF
V
H4
REF
7K
(ea)
1
220
19
11
12
13
14
V
L2
REF
V
L3
REF
V
L4
REF
NVRAM
GND
CLK
CS
DI
DO
DVD
PROG
RDY/BSY
VREF H1
1
2
3
4
5
6
7
10
9
8
20
19
18
17
14
13
12
11
16
15
VREF H2
VREF H4
VREF H3
VREF L1
V
REF
L2
VREFL4
V
REF L3
VOUT1
V
OUT
2
V
OUT
3
V
OUT
4
GND
CLK
CS
DI
DO
DVD
PROG
RDY/BSY
VREF H1
1
2
3
4
5
6
7
10
9
8
20
19
18
17
14
13
12
11
16
15
VREF H2
VREF H4
VREF H3
VREF L1
V
REF
L2
VREFL4
V
REF L3
VOUT1
V
OUT
2
V
OUT
3
V
OUT
4
CAT525
Configured Digitally Programmable Potentiometer (DPP™): Programmable Voltage Applications
FEATURES
s Four 8-bit DPPs configured as programmable
voltage sources in DAC-like applications
s Independent reference inputs
s Buffered wiper outputs
s Non-volatile NVRAM memory wiper storage
s Output voltage range includes both supply rails
s 4 independently addressable buffered
output wipers
s 1 LSB accuracy, high resolution
s Serial
µP interface
s Single supply operation: 2.7V-5.5V
s Setting read-back without effecting outputs
APPLICATIONS
s Automated product calibration
s Remote control adjustment of equipment
s Offset, gain and zero adjustments in
self-calibrating and adaptive control systems
s Tamper-proof calibrations
s DAC (with memory) substitute
DESCRIPTION
The CAT525 is a quad 8-Bit digitally programmable
potentiometer (DPP™) configured for programmable
voltage and DAC-like applications. Intended for final
calibration of products such as camcorders, fax ma-
chines and cellular telephones on automated high vol-
ume production lines and systems capable of self cali-
bration, it is also well suited for applications were equip-
ment requiring periodic adjustment is either difficult to
access or located in a hazardous environment.
The CAT525 offers four independently programmable
DPPs each having its own reference inputs and each
capable of rail to rail output swing. The wipers are
buffered by rail to rail op amps. Wiper settings, stored in
non-volatile NVRAM memory, are not lost when the
device is powered down and are automatically rein-
PIN CONFIGURATION
stated when power is returned. Each wiper can be
dithered to test new output values without effecting the
stored settings and stored settings can be read back
without disturbing the DPP’s output.
Control of the CAT525 is accomplished with a simple 3
wire serial interface. A Chip Select pin allows several
CAT525's to share a common serial interface and
communications back to the host controller is via a single
serial data line thanks to the CAT525’s Tri-Stated Data
Output pin. A RDY/
BSY output working in concert with
an internal low voltage detector signals proper operation
of non-volatile NVRAM Memory Erase/Write cycle.
The CAT525 is available in the 0
°C to 70°C commercial
and –40
°C to 85°C industrial operating temperature
ranges and offered in 20-pin plastic DIP and Surface
mount packages.
DIP Package (P)
SOIC Package (J)
© 2001 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
CAT525
CAT525
Doc. No. 25078-00 4/01-A M-1
FUNCTIONAL DIAGRAM
CAT525


Similar Part No. - CAT525

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT525 CATALYST-CAT525 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT525 CATALYST-CAT525 Datasheet
99Kb / 12P
Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525 Datasheet
254Kb / 16P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
256Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
More results

Similar Description - CAT525

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
Configured Digitally Programmable Potentiometer
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525_07 Datasheet
254Kb / 16P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
CAT522 ONSEMI-CAT522 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2004 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com