Electronic Components Datasheet Search
  English  ▼

X  

2SC3519 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC3519
Description  Silicon NPN Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC3519 Datasheet(HTML) 1 Page - Sanken electric

  2SC3519 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
67
Silicon NPN Epitaxial Planar Transistor (Complement to type 2SA1386/A)
Application : Audio and General Purpose
LAPT
2SC3519/3519A
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
3
2
1
0
0.2
0.4
0.6
1.0
0.8
Base Current I B(A)
I C=10A
5A
0
15
10
5
02
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
0.1
1
3
0.5
1
1 0
100
1000
2000
Time t(ms)
130
100
50
3.5
0
Ambient Temperature Ta(˚C)
Without Heatsink
0
2 5
5 0
7 5
100
125
150
Collector-Emitter Voltage V CE(V)
5
1 0
5 0
100
200
0.1
0.05
1
0.5
10
40
5
10ms
Without Heatsink
Natural Cooling
1.2SC3519
2.2SC3519A
1
2
DC
0.02
0.1
1
1 0
0.5
5
1 5
10
50
100
300
Collector Current I C(A)
(V CE=4V)
Typ
0
0
15
10
5
2
13
4
Collector-Emitter Voltage V CE(V)
400mA
500mA
600mA
300mA
200mA
100mA
50mA
I B=20mA
(V CE=4V)
Collector Current I C(A)
0.02
0.5
1
5
10
0.1
15
10
50
100
300
125˚C
25˚C
–30˚C
–0.02
–0.1
–1
–5
–10
0
40
60
20
80
(V CE=12V)
Emitter Current I E(A)
Typ
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
40
RL
(
Ω)
4
IC
(A)
10
VBB2
(V)
–5
IB2
(A)
–1
ton
(
µs)
0.2typ
tstg
(
µs)
1.3typ
tf
(
µs)
0.45typ
IB1
(A)
1
VBB1
(V)
10
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
5
15
4
130(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Unit
µA
V
µA
V
V
MHz
pF
(Ta=25°C)
(Ta=25°C)
2SC3519A
180
180
2SC3519
160
160
100max
50min
∗
2.0max
50typ
250typ
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Part No.
b. Lot No.
∗hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180)
100max
2SC3519A
180
180min
Conditions
VCB=
VEB=5V
IC=25mA
VCE=4V, IC=5A
IC=5A, IB=0.5A
VCE=12V, IE=–2A
VCB=10V, f=1MHz
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
2SC3519
160
160min
Ratings
Ratings


Similar Part No. - 2SC3519

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
POWER TRANSISTORS(15A,130W)
logo
Sanken electric
2SC3519 SANKEN-2SC3519 Datasheet
24Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Audio and General Purpose)
logo
Savantic, Inc.
2SC3519 SAVANTIC-2SC3519 Datasheet
174Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3519 ISC-2SC3519 Datasheet
254Kb / 2P
isc Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3519 SAVANTIC-2SC3519 Datasheet
176Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3519

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com