Electronic Components Datasheet Search
  English  ▼

X  

LM23088CD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM23088CD
Description  LM23088C/D Series ??2.30 inch 8x8 Dot Matrix LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM23088CD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM23088CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM23088CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM23088CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121838
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 8x8 Dot Matrix LED Display
Internal Circuit Diagram
Common Cathode Row)
Common Anode Row
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM23088CR
LM23088DR
GaAlAs
Super Red
640
8
10
LM23088CD
LM23088DD
GaAlAs
Hi-Red
640
18
25
LM23088CO
LM23088DO
GaAsP
Orange
625
7
9
LM23088CY
LM23088DY
GaAsP
Yellow
588
8
10
LM23088CG
LM23088DG
GaP
Green
568
7
9
LM23088CUR
LM23088DUR
AlGaInP
Ultra Red
640
30
45
LM23088CUO
LM23088DUO
AlGaInP
Ultra Orange
625
45
60
LM23088CUA
LM23088DUA
AlGaInP
Ultra Amber
605
30
45
LM23088CUY
LM23088DUY
AlGaInP
Ultra Yellow
595
30
45
LM23088CUG
LM23088DUG
AlGaInP
Ultra Green
573
30
45
LM23088CPG
LM23088DPG
InGaN
Pure Green
525
120
300
LM23088CUB
LM23088DUB
InGaN
Ultra Blue
470
30
45
LM23088CUW
LM23088DUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com