Electronic Components Datasheet Search
  English  ▼

X  

LM23058CUO Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM23058CUO
Description  2.30 inch 5x8 Dot Matrix LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM23058CUO Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM23058CUO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM23058CUO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM23058CUO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121833
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 5x8 Dot Matrix LED Display
Internal Circuit Diagram
LM23058C (Common Cathode Row)
LM23058D (Common Anode Row)
8
7
6
5
4
3
2
ROW
1
5
2
7
1
12
8
14
5
6
2
PIN
9
NO.
PIN
NO.
COL.
13
3
1
411
3
10
4
14
12
85
7
6
2
7
5
4
1
3
2
8
COL.
PIN
NO.
NO.
ROW
19
13
NO.
PIN
1
3
2
10
411
34
6
5
Selection Guide
Part No.
Chip
IV@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM23058CR
LM23058DR
GaAlAs
Super Red
640
8
10
LM23058CD
LM23058DD
GaAlAs
Hi-Red
640
18
25
LM23058CO
LM23058DO
GaAsP
Orange
625
7
9
LM23058CY
LM23058DY
GaAsP
Yellow
588
8
10
LM23058CG
LM23058DG
GaP
Green
568
7
9
LM23058CUR
LM23058DUR
AlGaInP
Ultra Red
640
30
45
LM23058CUO
LM23058DUO
AlGaInP
Ultra Orange
625
45
60
LM23058CUA
LM23058DUA
AlGaInP
Ultra Amber
605
30
45
LM23058CUY
LM23058DUY
AlGaInP
Ultra Yellow
595
30
45
LM23058CUG
LM23058DUG
AlGaInP
Ultra Green
573
30
45
LM23058CPG
LM23058DPG
InGaN
Pure Green
525
120
300
LM23058CUB
LM23058DUB
InGaN
Ultra Blue
470
30
45
LM23058CUW
LM23058DUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com