Electronic Components Datasheet Search
  English  ▼

X  

91201 Datasheet(PDF) 4 Page - Altech corporation

Part # 91201
Description  KU4000 Enclosure Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

91201 Datasheet(HTML) 4 Page - Altech corporation

  91201 Datasheet HTML 1Page - Altech corporation 91201 Datasheet HTML 2Page - Altech corporation 91201 Datasheet HTML 3Page - Altech corporation 91201 Datasheet HTML 4Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.5 thick
unused space
18.4
8.5
3x8.5=25.5
2
30.9
1.7
7
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
23
1 thick
49.5
21.7
4
2.1
6.7
R1
2.54
unused space
2.1
2.54
1
M4
35
DIN Rail
1
1
61
2
16
12
53
58
Part Number
Type
Description
PCB Connection
91.240
KU4002B
Right Angle Pins
Machine Solder/
Wire Jumper
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
Screw-hole and
91.201.1
SHPC
Wire-Entry Cover Plug Set
*Panel Mount Tab
93.001.5
PMA/KU
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Screw / Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(2) Vertical
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
16 Terminal
Vertical PCB
Screw Clamp
PCB DRAWING (To convert to inches divide by 25.4.)
DIN Rail
M4
3
16
35
46
7
61
53
58
Part Number
Type
Description
PCB Connection
91.220
KU4002C
Straight Pins
Machine Solder
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
Screw-hole and
91.201.1
SHPC
Wire-Entry Cover Plug Set
*Panel Mount Tab
93.001.5
PMA/KU
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Screw / Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(1) Horizontal
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
16 Terminal
Horizontal PCB
Screw Clamp
PCB DRAWING (To convert to inches divide by 25.4.)
KU4000 Enclosure Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com