Electronic Components Datasheet Search
  English  ▼

X  

LM14058BUG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM14058BUG
Description  LM14058A/B Series ??1.40 inch 5x8 Dot Matrix LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM14058BUG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM14058BUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM14058BUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM14058BUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121817
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.40 inch 5x8 Dot Matrix LED Display
Internal Circuit Diagram
LM14058A (Common Cathode Row)
LM14058B (Common Anode Row)
8
7
6
5
4
3
2
ROW
1
2
7
1
5
12
8
14
5
6
2
PIN
9
NO.
PIN
NO.
COL.
13
3
1
411
3
10
4
14
12
82
7
6
7
1
5
4
5
3
2
8
COL.
PIN
NO.
NO.
ROW
19
13
NO.
PIN
1
3
2
10
411
34
6
5
Selection Guide
Part No.
Chip
IV@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM14058AR
LM14058BR
GaAlAs
Super Red
640
8
10
LM14058AD
LM14058BD
GaAlAs
Hi-Red
640
18
25
LM14058AO
LM14058BO
GaAsP
Orange
625
7
9
LM14058AY
LM14058BY
GaAsP
Yellow
588
8
10
LM14058AG
LM14058BG
GaP
Green
568
7
9
LM14058AUR
LM14058BUR
AlGaInP
Ultra Red
640
30
45
LM14058AUO
LM14058BUO
AlGaInP
Ultra Orange
625
45
60
LM14058AUA
LM14058BUA
AlGaInP
Ultra Amber
605
30
45
LM14058AUY
LM14058BUY
AlGaInP
Ultra Yellow
595
30
45
LM14058AUG
LM14058BUG
AlGaInP
Ultra Green
573
30
45
LM14058APG
LM14058BPG
InGaN
Pure Green
525
120
300
LM14058AUB
LM14058BUB
InGaN
Ultra Blue
470
30
45
LM14058AUW
LM14058BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com