Electronic Components Datasheet Search
  English  ▼

X  

7301 Datasheet(PDF) 1 Page - Coto Technology

Part # 7301
Description  7000 SERIES/HIGH RELIABILITY REED RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

7301 Datasheet(HTML) 1 Page - Coto Technology

  7301 Datasheet HTML 1Page - Coto Technology 7301 Datasheet HTML 2Page - Coto Technology 7301 Datasheet HTML 3Page - Coto Technology 7301 Datasheet HTML 4Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIMENSIONS
in Inches (Millimeters)
7000 SERIES/HIGH RELIABILITY REED RELAYS
7000 Series High Reliability Reed Relays
The 7000 Series is ideally suited to the needs of Instrumentation, Data Acquisition,
Process Control, Telecommunications and General Purpose requirements. The speci-
fication tables allow you to select the appropriate relay for your particular application.
These models are specifically designed for high quality and reliability with versatile
switching capabilities and contact forms. If your requirements differ, please consult
your local representative or Coto’s Factory to discuss a custom reed relay.
7000 Series Features
u
Multi-pole contact forms (Form A, B, and C)
u
Wide range of switching capabilities; Low level, High Voltage, Hg wetted
u
Hermetically sealed contacts for long life and high reliability
u
High speed switching compared to electromechanical relays
u
Potted in metal shell - Magnetic Shield
u
Optional Electrostatic Shield for reducing capacitive coupling
u
PCB mounting versatility - 1.0” x 0.100” grid
u
Optional coil suppression diode offered to protect coil drivers
u
Custom configurations available - consult factory
u
RoHS compliant (N/A 7201, 7202, 7203, 7204)
1.19
.375
.100 TYP.
1.000
.020
.125 TYP.
WIDTH
(9.52)
(0.51)
(2.54)
(30.23)
(25.40)
(3.18)
.026 Dia. TYP.
Ordering Information
Part Number XXXX-XX-1XXX
Model Number
See Tables (7000 Series)
Coil Voltage
05=5 volts
12=12 volts
24=24 volts
Diode Options
0=No Diode
1=Diode Included
Electrostatic Shield Options
0=No Electrostatic Shield
1=Electrostatic Shield
Coil Termination
0=End to End
1=Same End
Table #1
WIDTH
A
B
C
D
Dimension
.410
(10.41)
.500
(12.70)
.660
(16.76)
.760
(19.30)
tel: (401) 943.2686
|
fax: (401) 942.0920
26 | page


Similar Part No. - 7301

ManufacturerPart #DatasheetDescription
logo
C&K Components
7301 CK-COMPONENTS-7301 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
Heyco.
7301 HEYCO-7301 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7301 MITUTOYO-7301 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
Kimberly-Clark Worldwid...
7301 KLEENGUARD-7301 Datasheet
854Kb / 3P
Floor Stand Wiper Dispenser - Large Roll / Blue - 6154
23/07/2020
logo
Pomona Electronics
73010 POMONA-73010 Datasheet
148Kb / 2P
MCX JACK STRAIGHT CRIMP, RG174, 316
More results

Similar Description - 7301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
SIP SERIES REED RELAYS
logo
Coto Technology
7000-05-1000 COTO-7000-05-1000 Datasheet
277Kb / 4P
High Reliability Reed Relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
High Voltage Reed Relays
logo
List of Unclassifed Man...
LQ52A00 ETC2-LQ52A00 Datasheet
347Kb / 3P
EMR SERIES REED RELAYS
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
high voltage reed relays
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
5500 SERIES/HIGH VOLTAGE REED RELAYS
7000 COTO-7000 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
7101-05-1000 COTO-7101-05-1000 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Standex Electronics, In...
MHV05-1A STANDEX-MHV05-1A Datasheet
748Kb / 4P
MHV Series Reed Relays
Version 01 30 Sep 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com