Electronic Components Datasheet Search
  English  ▼

X  

7783 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7783
Description  PC SCREW TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7783 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7783 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
62
Mounting Detail
.073 [1.85] DIA.
(4) PLS
.295 [7.5]
.197 [5.0]
These easy-to-mount, multipurpose screw type terminals are a practical,
low-cost alternative to PC screw type edge connectors, barrier blocks, terminal
boards and terminal strips. Steadfast and easy to install, will accommodate
solid or stranded wire, crimp type terminals or lugs. Multi-placement of these
low-profile terminals make them ideally suited for high density packaging.
Supplied unassembled or with screw installed and captivated.
PRINCIPAL FEATURES
• Low profile
• Stable, no-rock design with exclusive anti-rotational feature
• Easily mounts with four legs into pre-drilled or punched holes
• Accepts 14-22 AWG solid or stranded wire, crimp type terminals or lugs
• Ideally suited for high-density packaging
• Available in horizontal or vertical mounting
• Space-saving and time saving
• Easy accessibility for PC board testing
• Binding screw is positioned above board level to avoid wicking during
wave soldering
• Terminals are made of Brass with Tin Plate
• Supplied with a combination drive 6-32 binding head screw
SPECIFICATIONS
Rated: 15 Amps
Terminal:
.032 (.81) Brass, Matte Tin Plate
Binding Head Screw:
Brass, Nickel Plate
.073 [1.85] DIA.
(4) PLS
.197 [5.0]
.276 [7.0]
SPECIFICATIONS
Rated: 15 Amps
Terminal:
.032 (.81) Brass, Matte Tin Plate
Binding Head Screw:
Brass, Nickel Plate
SNAP-IN
PC MOUNT
PC MOUNT
PC MOUNT
SNAP-IN
PC MOUNT
Mounting Detail
.073 [1.85] DIA.
(4) PLS
.200 [5.1]
.295 [7.5]
Mounting Detail
.452 [11.5]
6-32 x .250 [6.3] L.
SCREW
.197 [5.0]
.512
[13.0]
.060 [1.52]
(4) PLS
.312
[7.9]
.138
[3.5]
.327
[8.3]
.280
[7.1]
.295
[7.5]
.312
[7.9]
.060 [1.52]
(4) PLS
.512
[13.0]
.280
[7.1]
.327
[8.3]
.295
[7.5]
.452 [11.5]
.138
[3.5]
.197 [5.0]
6-32 x .250 [6.3] L.
SCREW
.210 [5.4]
.276 [7.0]
.440
[11.2]
.187 [4.8]
.310 [7.9]
.310 [7.9]
6-32 x .250 [6.3] L.
SCREW
.060 [1.52]
(4) PLS
.197 [5.0]
.310 [7.9]
.210 [5.4]
.197 [5.0]
.310 [7.9]
.440
[11.2]
.276 [7.0]
6-32 x .250 [6.3] L.
SCREW
.197 [5.0]
.060 [1.52]
(4) PLS
6-32 x .250 [6.3] L.
SCREW
.295
[7.5]
REF.
.450 [11.5]
.200 [5.1]
45°
.412
[10.5] .555
[14.1]
.190 [4.9]
.037 [1.0]
.130 [3.3]
.125
[3.2]
REF.
.060 [1.52]
(4) PLS
SPECIFICATIONS
Rated: 15 Amps
Terminal:
.032 (.81) Brass, Matte Tin Plate
Binding Head Screw:
Brass, Nickel Plate
PC MOUNT
Color coded screws available
(add color screw suffix to Cat. No.)
Color coded screws available
(add color screw suffix to Cat. No.)
PC SCREW TERMINALS
HORIZONTAL TYPE
VERTICAL TYPE
45°
MINI
CAT. NO. 7780 (No Screw Supplied)
CAT. NO. 7691 (Screw Supplied Unassembled)
CAT. NO. 7693 (Screw Installed & Captivated)
CAT. NO. 7782 (No Screw Supplied)
CAT. NO. 8191 (Screw Supplied Unassembled)
CAT. NO. 7701 (Screw Installed & Captivated)
CAT. NO. 7779 (No Screw Supplied)
CAT. NO. 7690 (Screw Supplied Unassembled)
CAT. NO. 7692 (Screw Installed & Captivated)
CAT. NO. 7781 (No Screw Supplied)
CAT. NO. 8190 (Screw Supplied Unassembled)
CAT. NO. 7700 (Screw Installed & Captivated)
COLOR SELECTION:
Select desired screw terminal
and add color suffix to the
screw terminal Cat. No.
HEAD COLOR
SUFFIX
RED
-2
BLACK
-3
WHITE
-4
BLUE
-5
GREEN
-6
YELLOW
-7
NICKEL
none
7693-5
7700
7700-3
7701
7702-7
CAT. NO. COLOR SUFFIX
Ex:
XXXX
-X
CAT. NO. 7783 (No Screw Supplied)
CAT. NO. 8189 (Screw Supplied Unassembled)
CAT. NO. 7702 (Screw Installed & Captivated)
7693-4
7692-2
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
• Color coded screws
available (add color
screw suffix to Cat. No.)
• Color coded screws
available (add color
screw suffix to Cat. No.)
• Color coded screws
available (add color
screw suffix to Cat. No.)
• Color coded screws
available (add color
screw suffix to Cat. No.)
• Color coded screws
available (add color
screw suffix to Cat. No.)
[5.4]
.200 [5.1]
.214
.062 [1.57] DIA.
(4) PLS
Mounting Detail
.180 [4.6]
.180 [4.6]
.350 [8.9]
[6.4]
.214 [5.4]
.200
[5.1]
.050
[1.3]
(4) PLS
.250
4-40 X .250 [6.3] L.
SCREW
CAT. NO. 7774 (No Screw Supplied)
CAT. NO. 7773 (Screw Supplied Unassembled)
7773
SNAP-IN
PC MOUNT
M60Section3FREV1A1_11-2011 3/28/13 1:16PM Page62


Similar Part No. - 7783

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
77830 BELDEN-77830 Datasheet
387Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male, straight, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR green cable, 4-wires, 2x2x0.34 mm²
logo
National Instruments Co...
778336-01 NI-778336-01 Datasheet
475Kb / 3P
4-Channel Monochrome Image Acquisition
778339-01 NI-778339-01 Datasheet
428Kb / 3P
1.3 GHz and 4 GHz Multiplexers
778396-01 NI-778396-01 Datasheet
582Kb / 8P
S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
More results

Similar Description - 7783

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
Screw Terminals
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
SCREW TERMINALS
7790 ETC2-7790 Datasheet
113Kb / 2P
SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
Screw Terminals Available
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com