Electronic Components Datasheet Search
  English  ▼

X  

7775-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7775-2
Description  PC SCREW TERMINALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7775-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7775-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7775-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
PRINCIPAL FEATURES
• Compact, heavy duty design
• Six snap-in legs for total stability
• Serrated top surface secures connection
COLOR CODED SCREW TERMINAL SELECTION GUIDE
PC SCREW TERMINALS
63
.067 [1.7] DIA.
(2) PLS
.312 [7.9]
Mounting Detail
.197 [5.0]
.276
[7.0]
.144 [3.7]
DIA.
.062 [1.57] DIA. (4) PLS
Mounting Detail
.341 [8.7]
.197
[5.0]
.073 [1.85] DIA.
(4) PLS
Mounting Detail
.076 [1.93] DIA. (6) PLS
.394
[10.0]
.197
[5.0]
.276
[7.0]
SPECIFICATIONS
Rated: 15 Amps
Terminal: .032 (.81) Brass, Matte Tin
Plate
Binding Head Screw: Brass, Nickel Plate
SPECIFICATIONS
Rated: 15 Amps
Terminal: .032 (.81) Brass, Mattte Tin Plate
Binding Head Screw: Brass, Nickel Plate
.310
[7.9]
.059 [1.5]
(4) PLS
.197 [5.0]
6-32 x .250 [6.3] L.
SCREW
.197 [5.0]
.134 [3.4]
.276
[7.0]
.310 [7.9]
SPECIFICATIONS
Rated: 30 Amps
Terminal: .032 (.81) Brass, Matte Tin Plate
Binding Head Screw: Brass, Nickel Plate
Mounting Detail
SPECIFICATIONS
Rated: 30 Amps
Terminal:
.045 (1.14) Brass, Matte Tin Plate
Screw: Stainless Steel
.101 [2.6] DIA. (6) PLS
.425
10.8
.410
[10.4]
.205
[5.2]
.055 [1.4]
(2) PLS
.312
[7.9]
.250 [6.3]
6-32 X .250 [6.3] L.
SCREW
.187 [4.7]
.250 [6.4]
.343 [8.7]
• Combination drive, binding
head screw
• Color coded screws
available (add color
screw suffix to Cat. No.)
10-32 x .375 [9.5] L.
SCREW
.060 [1.5] (6) PLS
.453 [11.5]
.226 [5.7]
.410 [10.4]
.470 [11.9]
.425
[10.8]
.205
[5.2]
.470 [11.9]
6-32 x .250 [6.3] L.
SCREW
.394
[10.0]
.507 [12.9]
.250 [6.3]
.197
[5.0]
.310 [7.9]
.210 [5.3]
.060 [1.5] (6) PLS
.276
7.0
CAT. NO. 7784 (No Screw Supplied)
CAT. NO. 8198 (Screw Supplied Unassembled)
CAT. NO. 7778 (Screw Installed & Captivated)
CAT. NO. 7785 (No Screw Supplied)
CAT. NO. 8195 (Screw Supplied Unassembled)
CAT. NO. 7775 (Screw Installed & Captivated)
CAT. NO. 7787 (No Screw Supplied)
CAT. NO. 8196 (Screw Supplied Unassembled)
CAT. NO. 7786 (No Screw Supplied)
CAT. NO. 8197 (Screw Supplied Unassembled)
CAT. NO. 8199 (Screw Installed & Captivated)
Mounting Detail
8199-6
8196
EXTENDED
HEAVY DUTY
HEAVY DUTY
.382 [9.7]
.060
[1.5]
.383 [9.7]
.209 [5.3]
.375 [9.5]
10-32 X .375 [9.5] L.
SCREW
.197
[5.0]
.341 [8.7]
CAT. NO. 7791 (No Screw Supplied)
CAT. NO. 8174 (Screw Supplied Unassembled)
Color Coded Screw Terminals
provide:
• Quick identification
• Visibility for field service
troubleshooting
SPECIFICATIONS
Combination Binding Head:
Standard screw is Brass,
Nickel Plate. For painted,
color head, add suffix as
shown.
• Available for screw terminals where noted.
6-32 x
.250 [6.3] L.
THREAD
CAT. NO. COLOR SUFFIX
Ex:
XXXX
-X
COLOR SELECTION:
Select desired screw terminal
and add color suffix to the
screw terminal Cat. No.
8199-2
7692-7
7693-5
7700-3
7775-4
7778-7
7699-6
7701
HEAD COLOR
SUFFIX
RED
-2
BLACK
-3
WHITE
-4
BLUE
-5
GREEN
-6
YELLOW
-7
NICKEL
none
Refer to page 133 for color screws only
30 AMP - VERTICAL
VERTICAL TYPE
LOW PROFILE VERTICAL TYPE
• Color coded screws
available (add color
screw suffix to Cat. No.)
• Color coded screws
available (add color
screw suffix to
Cat. No.)
• Color coded screws
available (add color
screw suffix to Cat. No.)
.276 [7.0]
.197 [5.0]
.073 [1.85] DIA.
(4) PLS
Mounting Detail
.310 [7.9]
.197 [5.0]
.718
[18.3]
.310 [7.9]
.276
[7.0]
.060 [1.52]
(4) PLS
.197 [5.0]
.947
[24.1]
6-32 x .250 [6.3] L.
SCREW
PC MOUNT
CAT. NO. 7789 (No Screw Supplied)
CAT. NO. 7697 (Screw Supplied Unassembled)
CAT. NO. 7699 (Screw Installed & Captivated)
7699-6
7775-2
8174
M60 Section 3 FREV2:11-2011
11/20/11
2:14 PM
Page 63


Similar Part No. - 7775-2

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777508-01 NI-777508-01 Datasheet
729Kb / 9P
SCXI Terminal Blocks
logo
CommScope Inc.
7775087-00 COMMSCOPE-7775087-00 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
logo
National Instruments Co...
777509-01 NI-777509-01 Datasheet
729Kb / 9P
SCXI Terminal Blocks
777519-90 NI-777519-90 Datasheet
1Mb / 5P
Calibration
777530-01 NI-777530-01 Datasheet
582Kb / 8P
S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
More results

Similar Description - 7775-2

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
Screw Terminals
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
SCREW TERMINALS
7790 ETC2-7790 Datasheet
113Kb / 2P
SCREW TERMINALS
8190-3 ETC2-8190-3 Datasheet
545Kb / 1P
PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
Screw Terminals Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com