Electronic Components Datasheet Search
  English  ▼

X  

MD200E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MD200E
Description  MD200xE SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD200E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MD200E Datasheet HTML 1Page - MicroPower Direct, LLC MD200E Datasheet HTML 2Page - MicroPower Direct, LLC MD200E Datasheet HTML 3Page - MicroPower Direct, LLC MD200E Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
www.micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Load
Regulation
Output
Capacitive
Load
(µF Max)
Efficiency
(%)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
% Typ.
Min.
Typ.
MD205S-03E
5
4.5 - 5.5
476
25
3.3
400
40.0
18.0
220
70
74
1,000
MD205S-05E
5
4.5 - 5.5
506
25
5.0
400
40.0
12.0
220
75
79
1,000
MD205S-09E
5
4.5 - 5.5
506
25
9.0
222
22.0
9.0
220
77
81
1,000
MD205S-12E
5
4.5 - 5.5
476
25
12.0
167
17.0
8.0
220
80
84
1,000
MD205S-15E
5
4.5 - 5.5
476
25
15.0
133
13.0
7.0
220
80
84
1,000
MD205S-24E
5
4.5 - 5.5
476
25
24.0
83
8.0
6.0
220
80
84
1,000
MD205D-03E
5
4.5 - 5.5
540
25
±3.3
±303
±30.0
18.0
100
70
74
1,000
MD205D-05E
5
4.5 - 5.5
500
25
±5.0
±200
±20.0
12.0
100
76
80
1,000
MD205D-09E
5
4.5 - 5.5
476
25
±9.0
±111
±11.0
9.0
100
80
84
1,000
MD205D-12E
5
4.5 - 5.5
476
25
±12.0
±83
±8.0
8.0
100
80
84
1,000
MD205D-15E
5
4.5 - 5.5
476
25
±15.0
±67
±7.0
7.0
100
80
84
1,000
MD205D-24E
5
4.5 - 5.5
476
25
±24.0
±42
±4.0
6.0
100
80
84
1,000
MD209S-05E
9
8.1 - 9.9
285
20
5.0
400
40.0
12.0
220
76
80
750
MD209S-09E
9
8.1 - 9.9
281
20
9.0
222
22.0
9.0
220
77
81
750
MD209S-12E
9
8.1 - 9.9
274
20
12.0
167
17.0
8.0
220
79
83
750
MD209S-15E
9
8.1 - 9.9
274
20
15.0
133
13.0
7.0
220
79
83
750
MD209S-24E
9
8.1 - 9.9
274
20
24.0
83
8.0
6.0
220
79
83
750
MD209D-05E
9
8.1 - 9.9
285
20
±5.0
±200
±20.0
12.0
100
76
80
750
MD209D-09E
9
8.1 - 9.9
281
20
±9.0
±111
±11.0
9.0
100
77
81
750
MD209D-12E
9
8.1 - 9.9
274
20
±12.0
±83
±8.0
8.0
100
79
83
750
MD209D-15E
9
8.1 - 9.9
274
20
±15.0
±67
±7.0
7.0
100
79
83
750
MD209D-24E
9
8.1 - 9.9
274
20
±24.0
±42
±4.0
6.0
100
79
83
750
MD212S-03E
12
10.8 - 13.2
198
15
3.3
400
40.0
18.0
220
75
79
500
MD212S-05E
12
10.8 - 13.2
213
15
5.0
400
40.0
12.0
220
86
80
500
MD212S-09E
12
10.8 - 13.2
211
15
9.0
222
22.0
9.0
220
77
81
500
MD212S-12E
12
10.8 - 13.2
198
15
12.0
167
17.0
8.0
220
80
84
500
MD212S-15E
12
10.8 - 13.2
198
15
15.0
133
13.0
7.0
220
80
84
500
MD212S-15E
12
10.8 - 13.2
198
15
24.0
83
8.0
6.0
220
81
85
500
MD212D-03E
12
10.8 - 13.2
208
15
±3.3
±303
±30.0
18.0
100
76
80
500
MD212D-05E
12
10.8 - 13.2
198
15
±5.0
±200
±20.0
12.0
100
80
84
500
MD212D-07E
12
10.8 - 13.2
198
15
±7.2
±139
±14.0
10.0
100
80
84
500
MD212D-09E
12
10.8 - 13.2
205
15
±9.0
±111
±11.0
9.0
100
79
83
500
MD212D-12E
12
10.8 - 13.2
196
15
±12.0
±83
±8.0
8.0
100
81
85
500
MD212D-15E
12
10.8 - 13.2
198
15
±15.0
±67
±7.0
7.0
100
80
84
500
MD212D-24E
12
10.8 - 13.2
196
15
±24.0
±42
±4.0
6.0
100
82
86
500
MD215S-05E
15
13.5 - 16.5
171
10
5.0
400
40.0
12.0
220
76
80
400
MD215S-09E
15
13.5 - 16.5
169
10
9.0
222
22.0
9.0
220
77
81
400
MD215S-12E
15
13.5 - 16.5
159
10
12.0
167
17.0
8.0
220
80
84
400
MD215S-15E
15
13.5 - 16.5
157
10
15.0
133
13.0
7.0
220
80
84
400
MD215S-24E
15
13.5 - 16.5
157
10
24.0
83
8.0
6.0
220
81
85
400
MD215D-05E
15
13.5 - 16.5
167
10
±5.0
±200
±20.0
12.0
100
76
80
400
MD215D-09E
15
13.5 - 16.5
167
10
±9.0
±111
±11.0
9.0
100
76
80
400
MD215D-12E
15
13.5 - 16.5
159
10
±12.0
±83
±8.0
8.0
100
80
84
400
MD215D-15E
15
13.5 - 16.5
157
10
±15.0
±67
±7.0
7.0
100
81
85
400
MD215D-24E
15
13.5 - 16.5
157
10
±24.0
±42
±4.0
6.0
100
81
85
400
MD224S-03E
24
21.6 - 26.4
99
8
3.3
400
40.0
18.0
220
75
79
250
MD224S-05E
24
21.6 - 26.4
104
8
5.0
400
40.0
12.0
220
76
80
250
MD224S-09E
24
21.6 - 26.4
100
8
9.0
222
22.0
9.0
220
79
83
250
MD224S-12E
24
21.6 - 26.4
99
8
12.0
167
17.0
8.0
220
80
84
250
MD224S-15E
24
21.6 - 26.4
99
8
15.0
133
13.0
7.0
220
80
84
250
MD224S-24E
24
21.6 - 26.4
98
8
24.0
83
8.0
6.0
220
80
84
250
MD224D-03E
24
21.6 - 26.4
104
8
±3.3
±303
±30.0
18.0
100
76
80
250
MD224D-05E
24
21.6 - 26.4
99
8
±5.0
±200
±20.0
12.0
100
80
84
250
MD224D-09E
24
21.6 - 26.4
98
8
±9.0
±111
±11.0
9.0
100
81
85
250
MD224D-12E
24
21.6 - 26.4
99
8
±12.0
±83
±8.0
8.0
100
80
84
250
MD224D-15E
24
21.6 - 26.4
99
8
±15.0
±67
±7.0
7.0
100
80
84
250
MD224D-24E
24
21.6 - 26.4
98
8
±24.0
±42
±4.0
6.0
100
81
85
250
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. When measuring output ripple,it is recommended that an external 1 µF ceramic
capacitor & 10 µF electrolytic capacitor be placed in parallel from the +Vout
pin to the -Vout pin for single output models, or from each output to common
for dual output models.
3. Operation at no load will not damage these units, however, they may not meet
all specifications.
4. These converters are specified for operation without external components.
However, in some applications the addition of input/output capacitors will
enhance stability and reduce output ripple. The simple connection shown on
page 3 will typically meet EN 55022 Class B. For dual output units, a capacitor
should be connected from each output to common.
Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com