Electronic Components Datasheet Search
  English  ▼

X  

2SC6145A Datasheet(PDF) 2 Page - Sanken electric

Part # 2SC6145A
Description  Audio Amplification Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC6145A Datasheet(HTML) 2 Page - Sanken electric

  2SC6145A Datasheet HTML 1Page - Sanken electric 2SC6145A Datasheet HTML 2Page - Sanken electric 2SC6145A Datasheet HTML 3Page - Sanken electric 2SC6145A Datasheet HTML 4Page - Sanken electric 2SC6145A Datasheet HTML 5Page - Sanken electric 2SC6145A Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SANKEN ELECTRIC CO., LTD.
Audio Amplification Transistor
2SC6145A
38107
Absolute Maximum Ratings at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Unit
Collector-Base Voltage
VCBO
260
V
Collector-Emitter Voltage
VCEO
260
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
15
A
Base Current
IB
4A
Collector Power Dissipation
PC
TCASE = 25°C
160
W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
–55 to150
°C
Selection Guide
Part Number
Type
hFE Rating
Packing
2SC6145A*
NPN
Range R: 40 to 80
30 pieces per tube
Range O: 50 to 100
Range Y: 70 to 140
*Specify hFE range when ordering.
ELECTRICAL CHARACTERISTICS at TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector-Cutoff Current
ICBO
VCB = 260 V
–
–
10
μA
Emitter Cutoff Current
IEBO
VEB = 5 V
–
–
10
μA
Collector-Emitter Voltage
V(BR)CEO
IC = 25 mA
260
–
–
V
DC Current Transfer Ratio*
hFE
VCE = 4 V, IC = 5 A
40
–
140
–
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 5 A, IB = 0.5 A
–
–
0.5
V
Cutoff Frequency
fT
VCE = 12 V, IE = –2 A
–
60
–
MHz
Output Capacitance
COB
VCB = 10 V, IE = 0 A, f = 1 MHz
–
250
–
pF
*hFE rating: 40 to 80 (R brand on package), 50 to 100 (O), 70 to 140 (Y).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com