Electronic Components Datasheet Search
  English  ▼

X  

2500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2500
Description  CAPTIVE PANEL SCREWS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2500 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAPTIVE PANEL SCREWS
MATERIAL
: Stainless Steel per ASTM-A581/A-582
4-40
6-32
8-32
CAT. NO.
LENGTH
2415
.531 (13.5)
2416
.593 (15.1)
2417
.656 (16.7)
STAINLESS
BRASS
NYLON
THUMB SCREWS
CAT. NO.
LENGTH
THREAD
DIA
2400
.312 (7.9)
2401
.375 (9.5)
4-40
.312 (7.9)
2402
.437 (11.1)
2403
.500 (12.7)
2404
.312 (7.9)
2405
.375 (9.5)
6-32
.312 (7.9)
2406
.437 (11.1)
2407
.500 (12.7)
2408
.375 (9.5)
2409
.437 (11.1)
8-32
.375 (9.5)
2410
.500 (12.7)
TH'D
W
82°
.281 [7.2]
S.D.
S.L.
.187 [4.8]
.062 [1.57]
.312 [7.9]
DIA.
STRAIGHT
KNURL
TH'D
S.D.
T.L.
P.L.
90°
P.D.
.046 [1.2]
.312 [7.9]
.078 [1.98]
S.L.
STRAIGHT
KNURL
.312 [7.9]
DIA.
LENGTH
.125 [3.2]
.078 [2.0]
DIA.
.046 [1.17]
.187
[4.8]
.250 [6.4]
DIA.
4-40
THREAD
.046 [1.17]
.095 [2.4]
DIA.
.125 [3.2]
.281 [7.2]
DIA.
.046 [1.17]
.218
[5.6]
6-32
THREAD
.046 [1.17]
LENGTH
.156 [4.0]
.120 [3.1]
DIA.
.312 [7.9]
DIA.
.062 [1.57]
.250
[6.4]
8-32
THREAD
.062 [1.6]
LENGTH
THREAD
DIA.
A
LENGTH
H
THREAD
LENGTH
DIA.
.187 [4.8]
CAT. NO.
LENGTH
2413
.469 (11.9)
2414
.531 (13.4)
CAT.
T.L.
S.D.
S.L.
P.D.
P.L.
NO.
THREAD
±.015 (.38)
±.005 (.13)
± .010 (.25)
+000. -.016 (-.40)
± .015 (.38)
8706
4-40
.125 (3.2)
.078 (2.0)
.171 (4.3)
.078 (2.0)
.078 (2.0)
8707
4-40
.125 (3.2)
.078 (2.0)
.296 (7.5)
.078 (2.0)
.078 (2.0)
8708
4-40
.125 (3.2)
.078 (2.0)
.421 (10.7)
.078 (2.0)
.078 (2.0)
8709
6-32
.218 (5.5)
.095 (2.41) .187 (4.7)
.095 (2.41)
.093 (2.36)
8710
6-32
.218 (5.5)
.095 (2.41) .312 (7.9)
.095 (2.41)
.093 (2.36)
8711
6-32
.218 (5.5)
.095 (2.41) .437 (11.1)
.095 (2.41)
.093 (2.36)
CAT. NO.
LENGTH
2418
.656 (16.7)
2419
.718 (18.2)
2420
.781 (19.8)
CAT.
S.D.
S.L.
W
NO.
THREAD
± .005 (.13)
± .010 (.25)
+ .015 (+.38)-.000
8700
4-40
.078 (2.0)
.375 (9.5)
.036 (.091)
8701
4-40
.078 (2.0)
.500 (12.7)
.036 (.091)
8702
4-40
.078 (2.0)
.625 (15.9)
.036 (.091)
8703
6-32
.095 (2.41)
.375 (9.5)
.045 (1.14)
8704
6-32
.095 (2.41)
.500 (12.7)
.045 (1.14)
8705
6-32
.095 (2.41)
.625 (15.9)
.045 (1.14)
83
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
CAT. NO.
THREAD
1708
6-32
1709
8-32
1710
10-32
MATERIAL: Brass,
Nickel Plate
MATERIAL: Stainless Steel
MATERIAL: Nylon 6/6, UL Rated 94V-2
THREAD
.437 [11.1]
DIA.
.781 [19.9]
.125 [3.2]
.250 [6.4]
CAT. NO.
LENGTH THREAD
DIA.
H
A
2500
.250 (6.4)
2501
.375 (9.5)
4-40
.300 (7.6)
.280 (7.1) .125 (3.2)
2502
.500 (12.7)
2503
.250 (6.4)
2504
.375 (9.5)
6-32
.360 (9.1) .275 (7.0) .125 (3.2)
2505
.500 (12.7)
2506
.250 (6.4)
2507
.375 (9.5)
8-32
.425 (10.8) .305 (7.7) .140 (3.6)
2508
.500 (12.7)
M60Section5FREV2-color 4/4/13 5:13PM Page83


Similar Part No. - 2500

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
2500 WELWYN-2500 Datasheet
87Kb / 1P
Low Value Metal Film Resistors
logo
Switchcraft, Inc.
2500 SWITCH-2500 Datasheet
56Kb / 1P
LONG FRAME (1/4) TWIN ROW JACK PANELS
logo
3M Electronics
2500 3M-2500 Datasheet
1Mb / 6P
3M™ Four-Wall Header
260
logo
Laird Tech Smart Techno...
2500 LSTD-2500 Datasheet
721Kb / 2P
Thermal Grease
logo
Moxa Inc.
2500 MOXA-2500 Datasheet
1Mb / 8P
Smart Ethernet remote I/O with Click&Go Plus logic
More results

Similar Description - 2500

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
16-000380 CONEC-16-000380 Datasheet
130Kb / 2P
SCREEN CAPS WITH LANYARDS & CAPTIVE SCREWS
logo
Hammond Manufacturing L...
R100-200-000 HAMMOND-R100-200-000 Datasheet
36Kb / 1P
MATERIAL - DIECAST ALUMINUM ALLOY FOUR M14 CAPTIVE SCREWS
logo
RAF ELECTRONIC HARDWARE
0382-SS RAF-0382-SS Datasheet
85Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0819-SS RAF-0819-SS Datasheet
81Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
0821-SS RAF-0821-SS Datasheet
84Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
0822-SS RAF-0822-SS Datasheet
85Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
0833-SS RAF-0833-SS Datasheet
79Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
M0174-SS RAF-M0174-SS Datasheet
84Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
M0181-SS RAF-M0181-SS Datasheet
78Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
M0274-SS RAF-M0274-SS Datasheet
87Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com