Electronic Components Datasheet Search
  English  ▼

X  

ME103S09 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # ME103S09
Description  ME100S SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ME103S09 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  ME103S09 Datasheet HTML 1Page - MicroPower Direct, LLC ME103S09 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 1W Output Power
• Ultra-Miniature SIP Case
• 35 Standard Models
• 1,000 VDC Isolation
• >1.1 MHour MTBF
• -40°C to +85°C Operation
ME100S
Low Cost, 1W
Ultra-Miniature SIP
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
3.3 VDC Input
2.97
3.3
3.63
VDC
5 VDC Input
4.50
5.0
5.50
12 VDC Input
10.80
12.0
13.20
24 VDC Input
21.60
24.0
26.40
48 VDC Input
43.20
48.0
52.80
Input Reflected Ripple Current
20
mA P - P
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Line Regulation
For VIN Change of 1%
±1.2
%
Load Regulation, See Note 1
See Model Selection Guide
Ripple & Noise (20 MHz)
100
mV P - P
Temperature Coefficient
±0.02
%/°C
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
60
pF
Switching Frequency
80
kHz
EMI Characteristics, See Note 3
Parameter
Conditions
Min.
Typ.
Max.
Units
Radiated Emissions
EN 55022
Class B
Conducted Emissions
EN 55022
Class B
ESD
EN 61000-4-2
Criteria A; ±8 kV Air/±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
EN 61000-4-4
Criteria A; ±2 kV
Surge
EN 61000-4-5
Criteria A; ±0.5 kV
CS
EN 61000-4-6
Criteria A; 10 Vrms
PFMF
EN 61000-4-8
Criteria A; 1A/m
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
48 VIN Models
0.46 x 0.29 x 0.40 Inches (11.68 x 7.5 x 10.2 mm)
All Other Models
0.46 x 0.24 x 0.40 Inches (11.68 x 6.0 x 10.2 mm)
Case Material
Non-Conductive Black Plastic (UL-94V0)
Weight
0.05 Oz (1.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.121
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
3.3 VDC Input
-0.0
6.0
VDC
5 VDC Input
-0.0
7.0
12 VDC Input
-0.0
15.0
24 VDC Input
-0.0
28.0
48 VDC Input
-0.0
54.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Series
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - ME103S09

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
ME103S09I MPD-ME103S09I Datasheet
241Kb / 2P
ME100SI SERIES
More results

Similar Description - ME103S09

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com