Electronic Components Datasheet Search
  English  ▼

X  

ME103S18 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ME103S18
Description  ME100S SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ME103S18 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ME103S18 Datasheet HTML 1Page - MicroPower Direct, LLC ME103S18 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. Operation at no-load will not damage these units. However, they may not meet all specifications.
3. These converters will operate without external components. However, to meet the specified EMI
limits, a simple external input filter is required. See the input filter note below for more information.
4. All units are rated for operation at full output power to +85
°C. Operation over +85°C without airflow
is not recommended. Output power should be derated linearly from 100% at 85
°C to 0% at 100°C.
5. It is recommended that a fuse be used on the input of a power supply for protection. See the Model
Selection table above for the correct rating.
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
• Pin 1 is marked by a “dot” or indentation on the front of the unit
Model
Number
Input
Output
Load
Regulation
(% Typ)
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Nominal
Range
Full-Load
No-Load
ME103S-03
3.3
2.97 - 3.63
421
25
3.3
303.0
±20
72
220
1,000
ME103S-05
3.3
2.97 - 3.63
394
25
5.0
200.0
±10
77
220
1,000
ME103S-09
3.3
2.97 - 3.63
404
30
9.0
111.0
±10
75
220
1,000
ME103S-12
3.3
2.97 - 3.63
473
45
12.0
100.0
±10
77
220
1,000
ME103S-15
3.3
2.97 - 3.63
384
35
15.0
67.0
±10
79
220
1,000
ME103S-18
3.3
2.97 - 3.63
399
35
18.0
56.0
±10
76
220
1,000
ME103S-24
3.3
2.97 - 3.63
461
53
24.0
50.0
±10
79
220
1,000
ME105S-03
5.0
4.5 - 5.5
257
20
3.3
303.0
±20
78
220
750
ME105S-05
5.0
4.5 - 5.5
247
25
5.0
200.0
±10
81
220
750
ME105S-09
5.0
4.5 - 5.5
250
26
9.0
111.0
±10
80
220
750
ME105S-12
5.0
4.5 - 5.5
300
25
12.0
100.0
±10
80
220
750
ME105S-15
5.0
4.5 - 5.5
244
35
15.0
67.0
±10
82
220
750
ME105S-18
5.0
4.5 - 5.5
247
25
18.0
56.0
±10
81
220
750
ME105S-24
5.0
4.5 - 5.5
289
35
24.0
50.0
±10
83
220
750
ME112S-03
12
10.8 - 13.2
107
15
3.3
303.0
±20
78
220
250
ME112S-05
12
10.8 - 13.2
105
16
5.0
200.0
±10
79
220
250
ME112S-09
12
10.8 - 13.2
107
15
9.0
111.0
±10
78
220
250
ME112S-12
12
10.8 - 13.2
125
15
12.0
100.0
±10
80
220
250
ME112S-15
12
10.8 - 13.2
105
15
15.0
67.0
±10
79
220
250
ME112S-18
12
10.8 - 13.2
104
20
18.0
56.0
±10
80
220
250
ME112S-24
12
10.8 - 13.2
123
25
24.0
50.0
±10
81
220
250
ME124S-03
24
21.6 - 26.4
54
8
3.3
303.0
±20
77
220
150
ME124S-05
24
21.6 - 26.4
52
8
5.0
200.0
±10
80
220
150
ME124S-09
24
21.6 - 26.4
54
7
9.0
111.0
±10
77
220
150
ME124S-12
24
21.6 - 26.4
62
8
12.0
100.0
±10
80
220
150
ME124S-15
24
21.6 - 26.4
51
8
15.0
67.0
±10
81
220
150
ME124S-18
24
21.6 - 26.4
52
8
18.0
56.0
±10
80
220
150
ME124S-24
24
21.6 - 26.4
60
9
24.0
50.0
±10
83
220
150
ME148S-03
48
43.2 - 52.8
29
6
3.3
303.0
±20
73
220
100
ME148S-05
48
43.2 - 52.8
28
6
5.0
200.0
±10
74
220
100
ME148S-09
48
43.2 - 52.8
27
5
9.0
111.0
±10
78
220
100
ME148S-12
48
43.2 - 52.8
32
5
12.0
100.0
±10
77
220
100
ME148S-15
48
43.2 - 52.8
27
5
15.0
67.0
±10
76
220
100
ME148S-18
48
43.2 - 52.8
28
8
18.0
56.0
±10
75
220
100
ME148S-24
48
43.2 - 52.8
31
8
24.0
50.0
±10
80
220
100
Mechanical Dimensions
Pin
Description
1-VIN
2+VIN
3-VOUT
4+VOUT
Pin Connections
www.micropowerdirect.com
Input Filter
For 48VDC input models the width of the
unit is 0.29 (7.5) and the pins are set 0.08
(2.0) from the edge of the case. These
dimensions are identified with an “*” on
the mechanical drawing
VIN
(VDC)
C1
(µF)
L1
(µH)
C2
(µF)
C3
(pF)
3.3
2.2
18.0
5.0
2.2
18.0
12
2.2
18.0
24
2.2
18.0
2.2
470
48
10.0
18.0
2.2
470
The filter (C1, C2, C3 & L1) shown in the figure above
is required to meet EN 55022 level B. Recommended
component values are shown in the table at right.
Capacitor C1 is a 1210, 100V/ceramic, except for the
48V input which is a 100V/electrolytic. Capacitor C2 is a
1210 100V/ceramic. Capacitor C3 is a 1206 2 kV/ceramic.
Capacitor C4 is added to meet EN 61000-4-4 and
EN 61000-4-5. This capacitor is a 470 µF, 100V/electro-
lytic. All components should be mounted as close to the
unit as possible.
Pin
Description
1
-VIN
2
+VIN
3
-VOUT
4
+VOUT
Pin Connection
For 48VDC input models the width of t
unit is 0.29 (7.5) and the pins are set 0.
(2.0) from the edge of the case. The
dimensions are identifiedwith an “*”
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com