Electronic Components Datasheet Search
  English  ▼

X  

CAT64LC10LITE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT64LC10LITE13
Description  1K/2K/4K-Bit SPI Serial E2PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC10LITE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT64LC10LITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Discontinued
Parts
4
CAT64LC10/20/40
Doc. No. 1021, Rev. C
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) This parameter is sampled but not 100% tested.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
WRITE CYCLE LIMIITS
Symbol
Parameter
Min.
Max.
Units
tWR
Program Cycle Time
2.5V
10
ms
4.5V–6.0V
5
A.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +6.0V, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
tCSS
CS Setup Time
100
ns
tCSH
CS Hold Time
100
ns
tDIS
DI Setup Time
200
ns
tDIH
DI Hold Time
200
ns
tPD1
Output Delay to 1
300
ns
tPD0
Output Delay to 0
300
ns
tHZ(2)
Output Delay to High Impendance
500
ns
tCSMIN
Minimum
CS High Time
250
ns
tSKHI
Minimum SK High Time
2.5V
1000
ns
4.5V–6.0V
400
tSKLOW
Minimum SK Low Time
2.5V
1000
ns
4.5V–6.0V
400
tSV
Output Delay to Status Valid
500
ns
fSK
Maximum Clock Frequency
2.5V
250
kHz
4.5V–6.0V
1000
tRESS
Reset to
CS Setup Time
0
ns
tRESMIN
Minimum RESET High Time
250
ns
tRESH
RESET to READY Hold Time
0
ns
tRC
Write Recovery
100
ns
POWER-UP TIMING(1)(3)
Symbol
Parameter
Min.
Max.
Units
tPUR
Power-Up to Read Operation
10
µs
tPUW
Power-Up to Program Operation
1
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com