Electronic Components Datasheet Search
  English  ▼

X  

LC552XD Datasheet(PDF) 4 Page - Sanken electric

Part # LC552XD
Description  Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC552XD Datasheet(HTML) 4 Page - Sanken electric

  LC552XD Datasheet HTML 1Page - Sanken electric LC552XD Datasheet HTML 2Page - Sanken electric LC552XD Datasheet HTML 3Page - Sanken electric LC552XD Datasheet HTML 4Page - Sanken electric LC552XD Datasheet HTML 5Page - Sanken electric LC552XD Datasheet HTML 6Page - Sanken electric LC552XD Datasheet HTML 7Page - Sanken electric LC552XD Datasheet HTML 8Page - Sanken electric LC552XD Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SANKEN ELECTRIC CO., LTD.
LC5523D-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator IC
LC5523D
November 26, 2012
ELECTRICAL CHARACTERISTICS of MOSFET TA = 25°C, unless otherwise specified
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Drain-to-Source Breakdown Voltage
VDSS
8 – 1
650
――
V
Drain Leakage Current
IDSS
8 – 1
――
300
μA
On Resistance
RDS(on)
8 – 1
――
1.9
Ω
Switching Time
tf
8 – 1
――
400
ns
Thermal Resistance
Rθch-c
Between channel and case; case temperature,TC ,
measured at the center of the case top surface
――
―
35.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com