Electronic Components Datasheet Search
  English  ▼

X  

CAT93C8614 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT93C8614
Description  Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C8614 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT93C8614 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C8614 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C8614 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C8614 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C8614 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C8614 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C8614 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C8614 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C8614 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9-93
CAT93CXXXX
Stock No. 21084-01 2/98
Advanced Information
Figure 6. EWEN/EWDS Instruction Timing
SK
CS
DI
STANDBY
10
0
*
* ENABLE=11
DISABLE=00
entered the self clocking mode. The ready/busy status
of the CAT93CXXXX can be determined by selecting
the device and polling the DO pin. Once cleared, the
contents of all memory bits return to a logical “1” state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
data write to all memory locations in the device. The
clocking of the SK pin is not necessary after the device
has entered the self clocking mode. The ready/busystatus
of the CAT93CXXXXcan be determined by selecting the
device and polling the DO pin. It is not necessary for all
memory locations to be cleared before the WRAL com-
mand is executed.
Erase/Write Enable and Disable
The CAT93CXXXX powers up in the write disable state.
Any writing after power-up or after an EWDS (write
disable) instruction must first be preceded by the EWEN
(write enable) instruction. Once the write instruction is
enabled, it will remain enabled until power to the device
is removed, or the EWDS instruction is sent. The EWDS
instruction can be used to disable all CAT93CXXXX
write and clear instructions, and will prevent any acci-
dental writing or clearing of the device. Data can be read
normally from the device regardless of the write enable/
disable status.
Erase All
Upon receiving an ERAL command, the CS (Chip Se-
lect) pin must be deselected for a minimum of tCSMIN.
The falling edge of CS will start the self clocking clear
cycle of all memory locations in the device. The clocking
of the SK pin is not necessary after the device has
Figure 7. ERAL Instruction Timing
SK
CS
DI
DO
STANDBY
tCS
HIGH-Z
HIGH-Z
10
1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com