Electronic Components Datasheet Search
  English  ▼

X  

9117 Datasheet(PDF) 2 Page - Coto Technology

Part # 9117
Description  9011, 9012 9117 Miniature SIP Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9117 Datasheet(HTML) 2 Page - Coto Technology

  9117 Datasheet HTML 1Page - Coto Technology 9117 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
29
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
Notes:
1Consult factory for life expectancy at other switching
loads. Resistance >0.5
Ω defines end of life or failure
to open.
2Optional diode is connected to pin #2 (+) and pin
#3(-) for 9011 & 9012; pin #1(+) and pin #2(-)
for 9117. Correct coil polarity must be observed.
3Consists of 20V Zener-diode and 1N1002 diode
in series, connected in parallel with coil.
49011 & 9117 external mag shield. 9012 internal mag
shield.
9011, 9012 & 9117 Miniature SIP Relays
Environmental Ratings:
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil resistance are
specified at 25°C. These values vary by approximately
0.4%/ °C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Grid = .1"x.1" (2.54mm x 2.54mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com