Electronic Components Datasheet Search
  English  ▼

X  

P313 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # P313
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P313 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button P313 Datasheet HTML 21Page - List of Unclassifed Manufacturers P313 Datasheet HTML 22Page - List of Unclassifed Manufacturers P313 Datasheet HTML 23Page - List of Unclassifed Manufacturers P313 Datasheet HTML 24Page - List of Unclassifed Manufacturers P313 Datasheet HTML 25Page - List of Unclassifed Manufacturers P313 Datasheet HTML 26Page - List of Unclassifed Manufacturers P313 Datasheet HTML 27Page - List of Unclassifed Manufacturers P313 Datasheet HTML 28Page - List of Unclassifed Manufacturers P313 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 122 page
background image
E-ZZ-M
MINI-HHOOK: XXP1 && XPL1 TTEST LLEADS
XP1 && XXPL1 PPISTOL G
GRIP TTEST LLEADS W
WITH HHEAVY W
WIRE
Part No.
Description
601XP
XP Hook, Stacking Banana Plug, 18 AWG 65 x 36 PVC Insulated Lead, 48” (120mm) Long.
601XPC XP Hook, Stacking Banana Plug, Coiled 20 AWG 42 x 36 PVC Insulated Lead. 60” Reach.
601XPL
XPL Hook, Stacking Banana Plug, 18 AWG 65 x 36 PVC Insulated Lead, 48” (120mm) Long.
601XPLC XPL Hook, Stacking Banana Plug, Coiled 20 AWG 42 x 36 PVC Insulated Lead. 60” Reach.
Part No.
Description
613XP
XP Hook, 18 AWG 65 x 36 PVC Insulated Lead. No Interface, Lead 48” (120mm) Long.
613XPC XP Hook, Coiled 20 AWG 42 x 36 PVC Insulated Lead. No Interface.
613XPL
XPL Hook, 18 AWG 65 x 36 PVC Insulated Lead. No Interface, Lead 48” (120mm) Long.
613XPLC XPL Hook, Coiled 20 AWG 42 x 36 PVC Insulated Lead. No Interface.
XP1 && XXPL1 TTO SSTACKING BBANANA PPLUG ((PART NO. 99260)
XP1 && XXPL1 TTO LLEAD O
ONLY
HYPO-AACTION HOOKS
MINI HHOOK XXL1 W
WITH SSTANDARD BBANANA
SOCKET IIN PPLUNGER
Part No. Description
8038
Mini-Hook XL with Standard Banana Socket
Part No. Description
8037
Mini-Hook XR with Standard Banana Socket
MINI-HHOOK XXR W
WITH SSTANDARD BBANANA SSOCKET IIN
PLUNGER
Part No. Description
8036
Mini-Hook X100W with Standard Banana Socket
MINI-HHOOK XX100W W
WITH SSTANDARD BBANANA
SOCKET IIN PPLUNGER
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
For information and dimensions of hook styles
used in each configuration refer to the given
hook part number.
Colors: Body available in 10 standard colors.
NOTE: Plungers avalible in red and black only.
22
www.e-zz-hhooook.coom
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com