Electronic Components Datasheet Search
  English  ▼

X  

XM-NM Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # XM-NM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XM-NM Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button XM-NM Datasheet HTML 45Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 46Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 47Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 48Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 49Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 50Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 51Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 52Page - List of Unclassifed Manufacturers XM-NM Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
3”
6”
12”
18”
8cm
15cm
30cm
45cm
24”
36”
48”
60”
60cm
90cm
120cm
150cm
ALLIGATOR CCLIP TTEST LLEADS
Gator Model
Wire Guage
Part Number
Standard
22 AWG PVC
284-(length)-(color)
Standard
18 AWG PVC
684-(length)-(color)
Miniature
22 AWG PVC
284M-(length)-(color)
Miniature
18 AWG PVC
684M-(length)-(color)
Coil cord, add C after part no. (Ex. 284MC)
STANDARD AALLIGATOR CCLIP
P/N 99274
THESE M
MODELS AAVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
MINIATURE AALLIGATOR CCLIP
P/N 99275
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color)= 10 of one color
S14
= Set of 10 solid, 4 kilo color*
S16
= Set of 10 solid, 6 kilo color*
(Ex. 284-12-S or 284-12-R/B)
Muti-color Unit:
*See Kilo-Color Info on inside back
cover.
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Miniature and standard alligator leads are
offered in 22 AWG or 18 AWG PVC wire,
as well as coil cord. For coil cord, part
numbers in the 200’s utilize 22 AWG
(48”) cord and part numbers in the 600’s
utilize 20 AWG (60”) cord.
Additional lead lengths, wire types, and custom leads available upon request.
Test leads available
in the above colors.
PLEASE SPECIFY LENGTH IN INCHES
WHEN ORDERING
Standard lengths include:
ALLIGATOR CCLIP: See selected gator model.
ALLIGATOR CCLIP TTO SSTANDARD AALLIGATOR CCLIP JJUMPER
ALLIGATOR CCLIP: See selected gator model.
ALLIGATOR CCLIP TTO LLEAD O
ONLY .. .. .. N
NO IINTERFACE
Gator Model
Wire Guage
Part Number
Standard
22 AWG PVC
293-(length)-(color)
Standard
18 AWG PVC
693-(length)-(color)
Miniature
22 AWG PVC
293M-(length)-(color)
Miniature
18 AWG PVC
693M-(length)-(color)
Coil cord, add C after part no. (Ex. 693C)
ALLIGATOR CCLIP TTO SSTANDARD BBANANA PPLUG
Gator Model
Wire Guage
Part Number
Standard
22 AWG PVC
280-(length)-(color)
Standard
18 AWG PVC
680-(length)-(color)
Miniature
22 AWG PVC
280M-(length)-(color)
Miniature
18 AWG PVC
680M-(length)-(color)
Coil cord, add C after part no. (Ex. 280C)
ALLIGATOR CCLIP: See selected gator model.
STANDARD BBANANA PPLUG: See Part No. 9202.
ALLIGATOR CCLIP TTO SSTANDARD STACKING BBANANA PPLUG
ALLIGATOR CCLIP: See selected gator model.
STACKING SSTANDARD BBANANA PPLUG: Test lead 281 uses Part No. 9203. Test lead 681 uses
Part No. 9260.
COIL CORD & 600 SERIES
200 SERIES
Gator Model
Wire Guage
Part Number
Standard
22 AWG PVC
281-(length)-(color)
Standard
18 AWG PVC
681-(length)-(color)
Miniature
22 AWG PVC
281M-(length)-(color)
Miniature
18 AWG PVC
681M-(length)-(color)
Coil cord, add C after part no. (Ex. 681MC)
48”(22 AWG) or 60”(20 AWG) Coil Cord
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (Example: 284-12-RED)
46
www.e-zz-hhooook.coom
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com