Electronic Components Datasheet Search
  English  ▼

X  

AXG25 Datasheet(PDF) 109 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 105Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 106Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 107Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 108Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 109Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 110Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 111Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 112Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 122 page
background image
ACCESSORIES
Part No.
Description
SR 1174
For RG174U Cable
Part No.
Description
SR 559
For RG59/U Cable
Part No.
Description
SR 558
For RG58C/U Cable
STRAIN RRELIEF BBOOTS FFOR CCOAXIAL CCONNECTORS
Insulated housing for Y splicing on RG 174/U cable. Cable entrance hole has built-in strain relief. Two .070” (1.78mm) diameter lead exit holes accommodate
22 or 20 AWG insulated lead wire.
Construction: Two-piece body molded of durable nylon. Completely field serviceable.
Color: Black.
Model YY1000 Insulated housing for Y splicing, has built-in strain relief. RG58C/U cable may be adapted to various size cables. Two .070” (1.78mm) diameter
lead exit holes accommodate 22 or 20 AWG insulated lead wire.
Model YY1000-22 has two .144” (3.58mm) diameter lead exit holes to accommodate most 14-18 AWG insulated lead wire.
Construction: Two-piece body molded of durable nylon. Completely field serviceable.
Color: Black
PART N
NO. YY 11000 AAND YY1000-22
IN-LLINE YY BBLOCK FFOR SSTANDARD SSIZE CCABLES
PART NO. YY3000
IN-LLINE YY BBLOCK FFOR M
MINIATURE CCABLE
106
www.e-zz-hhooook.coom
m
Construction: Molded of PVC.
Color: Available in 10 standard colors.
Part No.
Description
Y3000
Y Block for Miniature Cable
Part No.
Description
Y1000
Y Block for Standard Cable
Y1000-22 Y Block for Large Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com