Electronic Components Datasheet Search
  English  ▼

X  

AXG25 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 122 page
background image
E-ZZ-M
MINI-HHOOK: XX100W
Part Number
Description
X100W-(color)
Mini-Hook Test Connector
Standard CConstruction:
Durable nylon body and plunger. One-piece, gold-plated
beryllium copper conductor and hook. Tip design permits hook
up vertically or horizontally. Hook fits over component leads
up to .040” (1.016mm) diameter. Stainless steel compression
coil spring provides approximately 12 ounces (340 grams)
contact pressure.
Part is field serviceable (see page 1).
Construction: Identical to standard X100W model except tip
has been extended to provide .065” x .040” hole for vertical
connection over rectangular wire wrapped pins.
Part Number
Description
X100W2-(color)
Rectangular Hole Tip Mini Hook
X100W HHIGH TTEMPERATURE M
MODELS
Construction: Identical to standard X100W model except body and
plunger are molded of mineral reinforced nylon for maximum
temperature of 150OC (300OF) over short time cycles. Over extended time
periods, maximum temperature is 122OC (250OF). Resistant to a wide
variety of oils, solvents and chemicals.
Part Number
Description
X100WX-(color)
High Temperature Mini-Hook
X100W PPLUNGER FFOR HHEAVY LLEAD W
WIRE
Construction: Identical to standard X100W model except lead exit hole in
plunger has been increased to .165” (4.19mm) wide to accommodate
heavier gauge lead wires.
Part Number
Description
X100WA-(color)
Heavy Lead Plunger, Square Hole Tip
X100W2A-(color)
Heavy Lead Plunger, Rectangular Hole Tip
X100W N
NON-M
MAGNETIC
Part Number
Description
X100W-N
NM-(color) Non-Magnetic
STANDARD SQUARE HHOLE TTIP
Part Number
Description
X100WXH-(color) High Temperature Mini-Hook
Construction: Identical to standard X100W model except body and
plunger are molded of glass reinforced nylon for maximum temperature
of 175OC (350OF) over short time cycles. Over extended time periods,
maximum temperature is 150OC (300OF). Resistant to a wide variety of
oils, solvents and chemicals.
Colors: Black and white.
Note: Add -N
NM after any X100W style part number
to indicate non-magnetic X100W hook.
X100W RRECTANGULAR HHOLE TTIP
Construction: Identical to standard X100W model,
except spring is non-magnetic.
Colors: Available in 10 colors. See inside back cover for details.
12
X100W
www.e-zz-hhooook.coom
m
Actual SSize
STANDARD PLUNGER
Plunger with lead exit hole detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com