Electronic Components Datasheet Search
  English  ▼

X  

281 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 281
Description  Wiha Quality Tools Toll Free: (800) 494-6104
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

281 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  281 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
62
Slotted Drive-Loc VI Interchangeable Blade High alloy CVM
steel, through hardened, hard chrome finish. Over all blade length
150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
mm + mm
lbs.
pkg.
281 06
3.5
4.5
.10
1
281 08
5.5
6.5
.10
1
281
Slotted & Phillips Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
mm + Size
lbs.
pkg.
281 07
3.0
0
.10
1
281 09
4.0
1
.10
1
281 10
6.0
2
.10
1
281
Tri-Wing Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
281 38
0
1
.10
1
281 39
2
3
.10
1
281 40
4
5
.10
1
281
Torq Set Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
281 42
2
4
.08
1
281 43
6
8
.10
1
281
Phillips Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
281 12
1
2
.10
1
281 12
Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
281 26
T6
T8
.09
1
281 27
T7
T9
.09
1
281 28
T10
T15
.10
1
281 29
T20
T25
.10
1
281 30
T30
T40
.10
1
281
Pozidriv® Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
281 14
1
2
.10
1
281 14
Wiha Drive-Loc VI Blades
Tamper Resistant
Drive-Loc VI Interchangeable Blade,
high alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
281 32
T6s
T8s
.09
1
281 33
T7s
T9s
.09
1
281 34
T10s T15s
.10
1
281 35
T20s T25s
.10
1
281 36
T30s T40s
.10
1
281
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 281

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
281 ETC-281 Datasheet
38Kb / 1P
High CMV, High Performance Isolation Amplifiers
logo
Littelfuse
281 LITTELFUSE-281 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
logo
Intronics Power, Inc.
281 INTRONICS-281 Datasheet
1Mb / 6P
High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
281 ETC2-281 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
logo
Advanced Energy Industr...
281 ADVANCEDENERGY-281 Datasheet
195Kb / 4P
MONROE 281
01 03.20
More results

Similar Description - 281

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
31495 ETC2-31495 Datasheet
256Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
32668 ETC2-32668 Datasheet
319Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60116 ETC2-60116 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
71141 ETC2-71141 Datasheet
214Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
71201 ETC2-71201 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com