Electronic Components Datasheet Search
  English  ▼

X  

128 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 128
Description  Wiha Quality Tools Toll Free: (800) 494-6104
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

128 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  128 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
102
Wiha Insulated 3/8” Sockets & Sets
1000Volt
24 Pc. Insulated 3/8” Drive Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No. 314 95
Set includes the following:
1/4, 9/32, 5/16, 11/32, 3/8, 7/16
1/2, 9/16, 5/8,11/16, 3/4” Sockets
lbs.
12856 3/8” x 125mm Extension Bar
9.07
12857 3/8” x 250mm Extension Bar
12852 3/8” Ratchet - 190mm
15000 Insulated Electrician’s Knife - 50mm
Slotted: 3.5, 4.5, 6.5mm
Phillips: 1, 2, 3
32806 6.3” Long Nose Pliers
32818 8.0” Combo Pliers
32832 6.3” Diagonal Cutters
*Sockets must be used with insulated ratchets & extensions
314 95
1000Volt
24 Pc. Insulated 3/8” Drive Socket Set - Metric
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No. 315 92
Set includes the following:
6, 7, 8, 9, 10, 11, 12,
13, 14, 17, 19mm Sockets
lbs.
12856 3/8” x 125mm Extension Bar
9.08
12857 3/8” x 250mm Extension Bar
12852 3/8” Ratchet - 190mm
15000 Insulated Electrician’s Knife - 50mm
Slotted: 3.5, 4.5, 6.5mm
Phillips: 1, 2, 3
32806 6.3” Long Nose Pliers
32818 8.0” Combo Pliers
32832 6.3” Diagonal Cutters
*Sockets must be used with insulated ratchets & extensions
315 92
128 52
Insulated 3/8” Drive Ratchet, EN/IEC 60900
Chrome-Vanadium steel. Reversible.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
128 52
3/8”
190
7.5
.87
1
1000Volt
128
Insulated 3/8” Extension Bars, EN/IEC 60900
Chrome-Vanadium steel.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
128 56
3/8”
125
4.9
.29
1
128 57
3/8”
250
9.8
.57
1
1000Volt
Each tool individually tested to 10,000 volts &
certified to 1000 Volt ac or 1500 Volt dc
290 09
Insulated 3/8” Drive T-handle
Insulation according to EN/IEC 60900 specification, up to 1000 Volt
Rated. Individually Tested. Blade chrome-vanadium steel, hardened.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
290 09
3/8
200
7.9”
.55
1
1000Volt
NEW
From
Wiha
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 128

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
128 INTERSIL-128 Datasheet
298Kb / 13P
Ultra High Frequency Transistor Arrays
December 21, 2005
logo
Honeywell Solid State E...
128 HONEYWELL-128 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
128 ETC2-128 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
logo
Alpha Wire
128 ALPHAWIRE-128 Datasheet
100Kb / 4P
Customer Specification
8/30/2022
128 ALPHAWIRE-128 Datasheet
99Kb / 4P
Customer Specification
12/2/2022
More results

Similar Description - 128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
28143 ETC2-28143 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
32668 ETC2-32668 Datasheet
319Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60116 ETC2-60116 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
71141 ETC2-71141 Datasheet
214Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
71201 ETC2-71201 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com