Electronic Components Datasheet Search
  English  ▼

X  

2SB795 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SB795
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SB795 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SB795 Datasheet HTML 1Page - Savantic, Inc. 2SB795 Datasheet HTML 2Page - Savantic, Inc. 2SB795 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SB794 2SB795
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SB794
-60
V(BR)CEO
Collector-emitter
breakdown voltage
2SB795
IC=-10mA ;IB=0
-80
V
VCEsat
Collector-emitter saturation voltage
IC=-1A ;IB=-1mA
-1.5
V
VBEsat
Base-emitter saturation voltage
IC=-1A ;IB=-1mA
-2.0
V
2SB794
VCB=-60V; IE=0
ICBO
Collector
cut-off current
2SB795
VCB=-80V; IE=0
-1.0
µA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2.0
mA
hFE-1
DC current gain
IC=-0.5A ; VCE=-2V
1000
hFE-2
DC current gain
IC=-1A ; VCE=-2V
2000
30000
Switching times
ton
Turn-on time
0.5
µs
tstg
Storage time
1.0
µs
tf
Fall time
IC=-1.0A ; IB1=-IB2=-1.0mA
VCC=-50V;RL=50B
1.0
µs
hFE-2 Classifications
M
L
K
2000-5000
4000-10000
8000-30000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com