Electronic Components Datasheet Search
  English  ▼

X  

211XM Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # 211XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

211XM Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button 211XM Datasheet HTML 94Page - List of Unclassifed Manufacturers 211XM Datasheet HTML 95Page - List of Unclassifed Manufacturers 211XM Datasheet HTML 96Page - List of Unclassifed Manufacturers 211XM Datasheet HTML 97Page - List of Unclassifed Manufacturers 211XM Datasheet HTML 98Page - List of Unclassifed Manufacturers 211XM Datasheet HTML 99Page - List of Unclassifed Manufacturers 211XM Datasheet HTML 100Page - List of Unclassifed Manufacturers 211XM Datasheet HTML 101Page - List of Unclassifed Manufacturers 211XM Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 122 page
background image
18 AWG, 4” lead
with stacking
banana plug, green
Cable with XK Ground
Cable with Part No. 9275 Miniature Alligator Ground
Cable with Part No. 9274 Standard Alligators
Cable with Part No. 9275 Miniature Alligators
Cable with XH Ground
Cable with Part No. 9274 Standard Alligator Ground
Cable with XR Ground
Cable with Part No. 9274 Standard Alligator Ground
Part No.
Cable
Center
Ground
1050XR-(lgth) RG58C/U
XR
XR
2050XR-(lgth)
MIC
XR
XR
3050XR-(lgth) Twisted Pair
XR
XR
Part No.
Cable
Center
Ground
1051XR-(lgth)
RG58C/U
XR
Std. Allig.
2051XR-(lgth)
MIC
XR
Std. Allig.
3051XR-(lgth) Twisted Pair
XR
Std. Allig.
MACRO-HHOOK XXH CCABLES
Part No.
Cable
Center
Ground
1051XH-(lgth) RG58C/U
XH
Std. Allig.
2051XH-(lgth)
MIC
XH
Std. Allig.
3051XH-(lgth) Twisted Pair
XH
Std. Allig.
Part No.
Cable
Center
Ground
1050XH-(lgth) RG58C/U
XH
XH
2050XH-(lgth)
MIC
XH
XH
3050XH-(lgth) Twisted Pair
XH
XH
DOUBLE G
GRIPPER HHOOK XXK CCABLES
Part No.
Cable
Center
Ground
1059M-(lgth)
RG58C/U
Mini Allig. Mini Allig.
2059M-(lgth)
MIC
Mini Allig. Mini Allig.
3059M-(lgth) Twisted Pair Mini Allig. Mini Allig.
4059M-(lgth)
RG174/U
Mini Allig. Mini Allig.
Part No.
Cable
Center
Ground
1059-(lgth)
RG58C/U
Std. Allig.
Std. Allig.
2059-(lgth)
MIC
Std. Allig.
Std. Allig.
3059-(lgth)
Twisted Pair
Std. Allig.
Std. Allig.
4059-(lgth)
RG174/U
Std. Allig.
Std. Allig.
STANDARD AALLIGATOR CCLIP CCABLES
Part No.
Cable
Center
Ground
1051XK-(lgth) RG58C/U
XK
Mini Allig.
2051XK-(lgth)
MIC
XK
Mini Allig.
3051XK-(lgth) Twisted Pair
XK
Mini Allig.
4051XK-(lgth)
RG174/U
XK
Mini Allig.
Part No.
Cable
Center
Ground
1050XK-(lgth) RG58C/U
XK
XK
2050XK-(lgth)
MIC
XK
XK
3050XK-(lgth) Twisted Pair
XK
XK
4050XK-(lgth)
RG174/U
XK
XK
Part No.
Cable
2507-(lgth) 2200 Series
SHIELDED BBALANCED LLINE, TTWO CCONDUCTOR
Red XH Center
Black XH Ground
Red XR Center
Black XR Ground
Red Gator Center
Black Gator Ground
Red XK Center
Black XK Ground
STACKING DDOUBLE BBANANA PPLUG CCOAXIAL TTEST CCABLES
95
Orrderr DDesk: 11 ((800) 9995-HHOOK
MINI-HHOOK XXR CCABLES
Description: Two (2) stacking double
banana plugs with separate shielded
leads on single stacking banana plugs
(green). See Part No. 9260.
75cm
90cm
120cm
150cm
30”
36”
48”
60”
6”
12”
18”
24”
15cm
30cm
45cm
60cm
Standard Lengths Available:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com