Electronic Components Datasheet Search
  English  ▼

X  

60190 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 60190
Description  Wiha Quality Tools Toll Free: (800) 494-6104
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60190 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  60190 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
216
Wiha 1/4” Sockets & Sets
17 pc. 6 Point Socket Set Metric
1/4” Square Drive Hex Metric Socket. Chrome-vanadium sockets.
Item No. 601 90
Set includes the following:
4.0, 4.5, 5.0, 5.5, 6.0, 7.0, 8.0,
9.0, 10.0, 11.0, 12.0, 13.0
60145 1/4” Rev. Ratchet Varicat 32 tooth - 140mm
lbs.
60131 1/4” Sliding T-handle - 115mm
1.54
60133 1/4” Extension Bar - 100mm
60136 1/4” Universal Joint - 35mm
60139 1/4” Spinner Handle - 145mm
601 90
17 pc. 6 Point Socket Set Inch
1/4” Square Drive Hex Inch Socket. Chrome-vanadium sockets.
Item No. 601 91 Set includes the following:
1/8, 5/32, 3/16, 7/32, 1/4, 9/32, 5/16,
11/32, 3/8, 7/16, 1/2, 9/16”
60145 1/4” Rev. Ratchet Varicat 32 tooth - 5.5”
lbs.
60131 1/4” Sliding T-handle - 14.5”
1.52
60133 1/4” Extension Bar - 3.9”
60136 1/4” Universal Joint - 1.4”
60139 1/4” Spinner Handle - 5.7”
601 91
1/4” Sockets - 6 Points
Hard chrome finish, fully polished with ball retaining groove.
Item
No.
mm
mm
wt.
601 15
4.0
25
.02
601 16
4.5
25
.02
601 17
5.0
25
.02
601 18
5.5
25
.02
601 19
6.0
25
.02
601 20
7.0
25
.02
601 21
8.0
25
.02
601 22
9.0
25
.03
601 23
10.0
25
.03
601 24
11.0
25
.03
601 25
12.0
25
.04
601 26
13.0
25
.04
601 27
14.0
25
.04
601
1/4” Sockets - 6 Points
Hard chrome finish, fully polished with ball retaining groove.
Item
No.
Inch
Inch
wt.
601 01
1/8
.98
.02
601 02
5/32
.98
.02
601 03
3/16
.98
.02
601 04
7/32
.98
.02
601 05
1/4
.98
.02
601 06
9/32
.98
.02
601 07
5/16
.98
.02
601 08
11/32
.98
.03
601 09
3/8
.98
.03
601 10
7/16
.98
.03
601 11
1/2
.98
.04
601 12
9/16
.98
.05
601
12 Pc. 1/4” Sockets 6 Point Metric 1/4” Square Drive Socket.
Item No. 601 92
Set includes the following:
lbs.
1/4” Hex Metric: 4.0, 4.5, 5.0 , 5.5, 6.0,
.48
7.0, 8.0, 9.0, 10.0, 11.0, 12.0, 13.0mm
601 92
12 Pc. 1/4” Sockets 6 Point Inch 1/4” Square Drive Socket.
Item No. 601 93
Set includes the following:
lbs.
1/4” Hex Inch: 1/8, 5/32, 3/16, 7/32, 1/4, 9/32,
.50
5/16, 11/32, 3/8, 7/16, 1/2, 9/16”
601 93
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 60190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6019 ETC2-6019 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
TE Connectivity Ltd
60196-1 TEC-60196-1 Datasheet
94Kb / 3P
FASTON Terminals (Insulated and Uninsulated)
Revised 3-11
60196-2 TEC-60196-2 Datasheet
94Kb / 3P
FASTON Terminals (Insulated and Uninsulated)
Revised 3-11
601966--1 TEC-601966--1 Datasheet
235Kb / 17P
Application Tooling for Screw-Machine Contacts
601966--2 TEC-601966--2 Datasheet
235Kb / 17P
Application Tooling for Screw-Machine Contacts
More results

Similar Description - 60190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
28143 ETC2-28143 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
31495 ETC2-31495 Datasheet
256Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
32668 ETC2-32668 Datasheet
319Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
71141 ETC2-71141 Datasheet
214Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
71201 ETC2-71201 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com