Electronic Components Datasheet Search
  English  ▼

X  

71121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 71121
Description  Wiha Quality Tools Toll Free: (800) 494-6104
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

71121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  71121 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
186
Wiha TiN Coated Bit
Wiha Diamond Bit
Wiha Dura Bit
Wear Characteristics
Phillips TiN Coated Insert Bits, 1/4”
Item
No.
Size
mm
lbs.
711 21
125
.02
711 22
225
.02
711 23
325
.02
711
Phillips TiN Coated Power Bits.
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm
lbs.
741 01
150
.04
741 05
250
.04
741 08
350
.04
741
TiN - Titanium Nitride
TiN - Titanium Nitride
Phillips TiN Coated Insert Bits.
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm
lbs.
711 41
150
.04
711 42
250
.04
711 43
350
.04
711
TiN - Titanium Nitride
TiN Coated Insert Bits, 1/4”
Item
No.
Size
mm
lbs.
715 85
T5
25
.02
715 86
T6
25
.02
715 87
T7
25
.02
715 88
T8
25
.02
715 62
T9
25
.02
715 63
T10
25
.02
715 64
T15
25
.02
715 65
T20
25
.02
715 66
T25
25
.02
715 69
T27
25
.02
715 67
T30
25
.02
715 68
T40
25
.02
715
TiN - Titanium Nitride
Wiha TiN Coated Insert/Power Bits
• Tough, hard torsion quality with very
hard TiN coating
• Optimized torsion zone
• High wear resistance
Torsion
Zone
The abbreviation TiN stands for Titanium-
Nitride, which has a hardness up to 85 HRC.
This coating guarantees a high wear and
tear resistance.
711 96
PokitPak - Phillips TiN Coated Insert
Bits In Molded Case -
Set Includes 6 - 1/4” Insert Bits
Phillips Sizes: 2 of each - 1, 2, 3
lbs. .31
HSS 1/4” Drive 90O Countersinks
High quality HSS steel, ground with radial relief.
1/4” Hex shank according to DIN 3126 C 6.3.
Item
screw
No.
Size Inch mm Inch size pkg
786 15
6.3
.26 35 1.38 M3
1
786 17
8.3
.33 35 1.38 M4
1
786 19
10.4 .41 35 1.38 M5
1
786 21
12.4 .49 35 1.38 M6
1
786 22
16.5 .65 35 1.38 M8
1
786 24
20.5 .81 35 1.38 M10 1
786
1/4” Shank Stubby High Speed Drill Bits
DIN 3126 C 6.3.
Item
No.
Size
Inch
pkg
lbs.
780 02
1/16
1.26
1
.02
780 05
3/32
1.41
1
.02
780 08
1/8
1.57
1
.02
780 11
5/32
1.73
1
.03
780 15
3/16
1.97
1
.03
780 18
1/4
1.97
1
.03
780
90O Countersink Bit - 1/4” Shank
1/4” Shank High Speed Drill Bits
Countersink & Drill Bits
High quality HSS steel, ground with radial relief.
Universal application in metal, plastic and wood.
Guarantees outstanding removal of cuttings,
chatter free operation & smooth surface.
Titanium Coated
High Precision Tool Holder
For Countersinks & Drill Bits
RapidFix Bit Holder
Item
No.
Size
Size mm Inch lbs.
714 80
1/4”
1/4” 60
2.3
.09
714 80
Quick release
tool holder
for Drills,
Countersinks
& Power bits
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT
SHOP


Similar Part No. - 71121

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
71121CB DIALIGHT-71121CB Datasheet
574Kb / 2P
White LED Products for Bus Applications
More results

Similar Description - 71121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
28143 ETC2-28143 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
31495 ETC2-31495 Datasheet
256Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
32668 ETC2-32668 Datasheet
319Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60116 ETC2-60116 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
71201 ETC2-71201 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com