Electronic Components Datasheet Search
  English  ▼

X  

35348 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 35348
Description  Wiha Quality Tools Short Arm Hex L-keys Black Finish
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

35348 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  35348 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
59
Short Arm Hex L-keys Black Finish
L-wrench Hex Key, Short Arm, high alloy CVM steel,
hardened, black finish. Precision machined, burr free chamfered ends.
Item
No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
353 01
0.7
31
1.2
-
-
.01
10
353 02
0.9
31
1.2
-
-
.01
10
353 03
1.3
40
1.6
12
.5
.01
10
353 04
1.5
45
1.8
14
.6
.01
10
353 05
2.0
49
1.9
16
.6
.01
10
353 06
2.5
55
2.2
18
.7
.01
10
353 07
3.0
61
2.4
20
.8
.02
10
353 08
4.0
68
2.7
25
1.0
.03
10
353 09
5.0
78
3.1
28
1.1
.04
10
353 10
6.0
88
3.5
32
1.3
.07
10
353 11
7.0
92
3.6
34
1.3
.10
10
353 12
8.0
97
3.8
36
1.4
.13
10
353 13
9.0
103
4.1
38
1.5
.17
10
353 14
10.0
109
4.3
40
1.6
.23
10
353 16
11.0
115
4.5
42
1.7
.29
10
353 17
12.0
122
4.8
45
1.8
.40
1
353 18
14.0
137
5.4
56
2.2
.61
1
353 19
17.0
156
6.1
63
2.5
1.03 1
353 20
19.0
176
6.9
70
2.8
1.40 1
353 21
22.0
195
7.7
80
3.1
2.17 1
353 Metric
L-wrench Hex Key, Short Arm black finish
Item
No.
Inch
mm
Inch
mm
Inch
lbs.
pkg.
353 01
.028
31
1.2
-
-
.01
10
353 02
.035
31
1.2
-
-
.01
10
353 30
.050
40
1.6
10
.4
.01
10
353 31
1/16
46
1.8
14
.6
.01
10
353 32
5/64
50
2.0
16
.6
.01
10
353 33
3/32
52
2.1
19
.8
.01
10
353 34
7/64
54
2.1
19
.8
.01
10
353 35
1/8
58
2.3
21
.8
.02
10
353 36
9/64
62
2.4
23
.9
.02
10
353 37
5/32
68
2.7
25
1.0
.02
10
353 38
3/16
70
2.8
26
1.0
.05
10
353 39
7/32
77
3.1
29
1.2
.07
10
353 40
1/4
88
3.5
31
1.2
.07
10
353 41
5/16
98
3.9
36
1.4
.13
10
353 42
3/8
107
4.2
38
1.5
.20
10
353 43
1/2
133
5.2
44
1.7
.49
1
353 45
9/16
158
6.2
64
2.5
.66
1
353 46
5/8
175
6.9
71
2.8
.86
1
353 47
3/4
198
7.8
89
3.5
1.45
1
353 48
1”
220
8.7
91
3.6
3.14
1
353 Inch
353 90
353 91
Metric Hex L-wrench Set, 9 Pc. in Plastic Holder
Equipped with 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
lbs. .59
pkg. 1
Inch Hex L-wrench Set, 13 Pc. in Plastic Holder
Equipped with .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16,
7/32, 1/4, 5/16, 3/8”
lbs. .72
pkg. 1
353 93 Mini Inch Hex L-wrench Set, 5 Pc. in Plastic Holder
Equipped with .028, .035, .050, 1/16, 5/64”
lbs. .03
pkg. 1
353 92 Mini Metric Hex L-wrench Set, 5 Pc. in Plastic Holder
Equipped with 0.7, 0.9, 1.3, 1.5, 2.0mm
lbs. .03
pkg. 1
369 89 Short Arm Metric Ball End Hex L-key Set, 9 Pc. in Plastic
Holder Equipped with 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
lbs. .59
pkg. 1
Black Finish
Black Finish
For angle
entry
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 35348

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35348 ETC2-35348 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
logo
Tyco Electronics
353481 MACOM-353481 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
353482 MACOM-353482 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
More results

Similar Description - 35348

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
36962 ETC2-36962 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com