Electronic Components Datasheet Search
  English  ▼

X  

SD106WS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD106WS
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD106WS Datasheet(HTML) 2 Page - Vishay Siliconix

  SD106WS Datasheet HTML 1Page - Vishay Siliconix SD106WS Datasheet HTML 2Page - Vishay Siliconix SD106WS Datasheet HTML 3Page - Vishay Siliconix SD106WS Datasheet HTML 4Page - Vishay Siliconix SD106WS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85685
Rev. 1.3, 12-Dec-05
SD106WS
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 100 µA
VR
30
V
Leakage current
VR = 30 V
IR
5.0
µA
Forward voltage
IF = 2.0 mA
VF
260
mW
IF = 15 mA
VF
320
mW
IF = 100 mA
VF
420
mW
IF = 200 mA
VF
490
550
mW
Diode capacitance
VR = 10 V, f = 1.0 MHz
Ctot
15
pF
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Typical Variation of Reverse Current at Various
Temperatures
18501
1000
100
10
1
0.1
0.01
00.2 0.3
0.4
0.5
0.6 0.7 0.8
0.1
= 125 °C
Tamb
40 °C
25 °C
VF - Forward Voltage (V)
18502
= 125 °C
Tamb
100 °C
75 °C
50 °C
25 °C
1000
100
10
1
0.1
0.01
10
15
05
25
30
20
VR - Reverse Voltage (V)
Figure 3. Typical Capacitance °C vs. Reverse Applied Voltage VR
18503
45
40
35
30
25
20
15
10
5
0
04
8
12
16
20
24
28
VR - Reverse Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com