Electronic Components Datasheet Search
  English  ▼

X  

SD-2000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SD-2000
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SD-2000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SD-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SD-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SD-2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SD-2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
10
0.6 W
× 3.2 L × 1.2 D
5
4
3
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
10
0.6 W
× 3.2 L × 1.2 D
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
10
0.6 W
× 3.2 L × 1.5 D
5
4
3
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
10
0.6 W
× 3.2 L × 1.5 D
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
■
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
<Gull wing, Top setting>
● SD-1010B (Real code)
● SD-1030B (Complementary code)
● SD-2010B (Real code)
● SD-2030B (Complementary code)
● SD-1210B (Real code)
● SD-1230B (Complementary code)
● SD-2210B (Real code)
● SD-2230B (Complementary code)
SD-1000/2000
ROTARY CODED SWITCHES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com