Electronic Components Datasheet Search
  English  ▼

X  

76397 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 76397
Description  Wiha Quality Tools Wiha Socket Sets On Molded Rails
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

76397 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  76397 Datasheet HTML 1Page - List of Unclassifed Manufacturers 76397 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
215
Wiha Socket Sets On Molded Rails
10 pc. Tamper Resistant
Socket Set 1/4” Square
drive replaceable bit socket. 1/4” Bits CVM tool steel.
Item No.
701 95
lbs. Set includes the following:
.48 T7s, T8s, T9s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
701 95
8 pc.
Socket Set 3/8” Square Drive Replaceable Bit
Socket. 1/4” & 5/16” Bits CVM tool steel. OAL 1.65”
Item No.
763 96
lbs.
Set includes the following:
.84
1/4”: T20, T25, T27, T30, T40,
5/16”: T45, T50, T55
763 96
8 pc.
Socket Set 3/8” Square Drive Replaceable Bit
Socket. Bits CVM tool steel. OAL 1.5”
Item No.
763 95
lbs.
Set includes the following:
.75
T9, T10, T15, T20, T25,
T27, T30, T40
763 95
10 pc.
Socket Set
1/4” Square Drive Replaceable Bit Socket. Bits CVM tool steel.
OAL 1.5”
Item No.
761 91
lbs.
Set includes the following:
.48
T7, T8, T9, T10, T15,
T20, T25, T27, T30, T40
761 91
Security Torx®
6 pc.
Socket Set
1/4” Square Drive Replaceable Bit Socket. Bits CVM tool steel.
Item No.
761 94
lbs.
Set includes the following:
.20
T10, T15, T20, T25, T27, T30
761 94
8 pc.
Socket Set On Rail, In Vinyl Pouch
1/4” & 3/8” Square Drive Replaceable Bit Socket. Bits Chrome-
vanadium-molybdenum tool steel.
Item No.
716 98
lbs.
Set includes the following:
.60
1/4”: IP9, IP10, IP15, IP20
3/8”: IP25, IP27, IP30, IP40
716 98
9 pc. Tamper Resistant
Socket Set 3/8” Square
Drive Replaceable Bit Socket. 1/4” & 5/16” Bits CVM tool steel.
Item No.
763 97
lbs.
Set includes the following:
.85
1/4”: T10s, T15s, T20s, T27s, T30s
3/8”: T40s (1/4” bit)
3/8”: T45s, T50s (5/16” bit)
763 97
12 pc. Tamper Resistant
Socket Set 1/4” & 3/8”
Square Drive Replaceable Bit Socket. 1/4” & 5/16” Bits CVM tool steel.
Item No.
763 99
lbs.
Set includes the following:
.77
1/4”: T7s, T8s, T10s, T15s, T20s, T25s, T27s, T30s, T40s
5/16”: T45s, T50s, T55s
763 99
NEW
From
Wiha
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com