Electronic Components Datasheet Search
  English  ▼

X  

J5822 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # J5822
Description  3 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

J5822 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  J5822 Datasheet HTML 1Page - Compensated Deuices Incorporated J5822 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
CDI
WORKING PEAK
MAXIMUM REVERSE
TYPE
REVERSE
MAXIMUM FORWARD VOLTAGE
LEAKAGE CURRENT
NUMBER
VOLTAGE
AT RATED VOLTAGE
VRWM
VF @ 1.0 A
VF @ 3.0 A
VF @ 9.4A
IR @ +25°C
IR @ +100°C
VOLTS
VOLTS
VOLTS
VOLTS
mA
mA
DSB5820
20
0.40
0.50
0.70
0.10
12.5
DSB5821
30
0.40
0.50
0.70
0.10
12.5
DSB5822
40
0.40
0.50
0.70
0.10
12.5
J,JX,JV & JS
40
0.40
0.50
0.70
0.10
12.5
5822
DSB3A20
20
0.40
0.50
0.70
0.10
12.5
DSB3A30
30
0.40
0.50
0.70
0.10
12.5
DSB3A40
40
0.40
0.50
0.70
0.10
12.5
MAXIMUM RATINGS
Operating Temperature: -65°C to +125°C
Storage Temperature: -65°C to +150°C
Average Rectified Forward Current: 3.0 AMP @ TL = +55°C, L = 3/8”
Derating: 43 mA / °C above TL = +55°C, L = 3/8”
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed, “B” Body
per MIL-PRF-19500/620. D-5B
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC): 30
˚C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 3
˚C/W maximum
POLARITY: Cathode end is banded.
MOUNTING POSITION: Any
1N5822
and
DSB5820 thru DSB5822
and
DSB3A20 thru DSB3A40
• 1N5822 AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/620
• 3 AMP SCHOTTKY BARRIER RECTIFIERS
• HERMETICALLY SEALED
• METALLURGICALLY BONDED
0.115/0.145
2.92/3.68
0.130/0.195
3.30/4.95
0.036/0.042
0.91/1.07
0.900
22.86


Similar Part No. - J5822

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
J5822US CDI-DIODE-J5822US Datasheet
39Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - J5822

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5820US CDI-DIODE-1N5820US Datasheet
39Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5822 MICROSEMI-1N5822 Datasheet
45Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
SK307 DEC-SK307 Datasheet
104Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5820US MICROSEMI-1N5820US Datasheet
46Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
VSK340 ETC-VSK340 Datasheet
332Kb / 4P
3 Amp Schottky Barrier Rectifiers
logo
DIOTEC Electronics Corp...
1N5820 DEC-1N5820 Datasheet
381Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
SK302 DEC-SK302 Datasheet
408Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
SBDA-302-1B DEC-SBDA-302-1B Datasheet
411Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5820 MICROSEMI-1N5820 Datasheet
1Mb / 8P
3 Amp Axial Schottky Barrier Rectifiers
1N5820US MICROSEMI-1N5820US_V01 Datasheet
1Mb / 8P
3 Amp SQ-MELF Schottky Barrier Rectifiers
Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com