Electronic Components Datasheet Search
  English  ▼

X  

72025 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 72025
Description  Wiha Quality Tools Slotted Bits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

72025 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  72025 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
187
Slotted Insert Bits, 1/4” Hex Drive,
Length 25mm/.984”
Item
No.
mm Inch
mm Inch
pkg.
710 01
4.5
.177
0.6 .024
10
710 04
5.5
.216
0.8 .030
10
710 02
6.5
.255
1.2 .039
10
710 03
8.0
.315
1.6 .063
10
710
743
Slotted and Phillips Double End Bits.
1/4” Hex Drive, Length 2.36”/60mm
Item
No.
mm
Size mm pkg. lbs.
743 03
4.5 x
1
60
10
.22
743 06
5.5 x
2
60
10
.30
743 09
7.0 x
3
60
10
.30
Slotted Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm 10pk. weight .20 lbs.
Item
No.
mm Inch
mm Inch
pkg.
740 03
3.0
.118 0.5
.020 10
740 06
3.5
.139 0.6
.024 10
740 09
4.0
.157 0.5
.020 10
740 10
4.0
.157 0.8
.030 10
740 12
4.5
.177 0.6
.024 10
740 15
5.5
.216 0.8
.032 10
740 18
6.5
.255 1.2
.039 10
740 21
8.0
.315 1.2
.039 10
740 23
8.0
.315 1.6
.063 10
740
Slotted Insert Bits. 5/16” Hex Drive,
Length 41mm
Item
No.
mm Inch
mm
pkg. lbs.
720 48
6.5
.255 1.2
10
.27
720 49
8.0
.315 1.6
10
.31
720 50
10.0 .393 1.6
10
.46
720 51
12.0 .472 2.0
10
.56
720
Slotted Insert Bit Packs, 1
” CVM S2
modified tool steel.
Item
No.
mm mm Inch mm lbs. 2 Bit Pack
710 51
0.6
4.5
.177 25
.03
710 52
0.8
5.5
.216 25
.03
710 53
1.2
6.5
.255 25
.03
710 54
1.6
8.0
.315 25
.03
710
Slotted Insert Bit Packs, 1
”
CVM S2 modified tool steel. 5/16” Hex Drive.
Item
No.
mm mm Inch mm lbs. 2 Bit Pack
720 25 1.2
6.5
.255 41
.06
720 31 1.6
8.0
.315 41
.08
720 39 1.6
10.0 .393 41
.10
720 47 2.0
12.0 .472 41
.12
720
Slotted Insert Bit Packs, 1
” CVM S2
modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
710 55
Set includes the following bits:
Slotted Sizes:
wt. .04
5.5, 6.5, 8.0 x 1” (25mm)
710 55
Slotted Power Bit Packs, 2
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
740 50
Set includes the following bits:
Slotted Sizes:
wt. .08
4.5, 5.5, 6.5 x 2” (50mm)
740 50
Slotted Bits
The ideal multi-purpose bits for all
around quality and performance
Made in Germany - Production Quality
High resistant to
wear and tear for
a long tool life
Suitable for all applications
Hardness HRC 59-61
Suitable for both manual &
machine applications
Impact resistant modified
chrome-vanadium-molybdenum,
tool steel, hardened
Wiha Slotted Insert Bits and Power Bits
2 bit pack
Slotted Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
mm
mm lbs. 2 Bit Pack
740 61
3.0
50
.05
740 62
3.5
50
.05
740 63
4.0
50
.05
740 64
4.0
50
.05
740 65
4.5
50
.05
740 66
5.5
50
.05
740 67
6.5
50
.06
740 68
8.0
50
.08
740 69
8.0
50
.08
740
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 72025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7202 ETC2-7202 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Coto Technology
7202 COTO-7202 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Sealevel Systems, Inc.
7202 SEALEVEL-7202 Datasheet
359Kb / 2P
PCI 2-Port RS-232 Serial Interface
logo
Keystone Electronics Co...
7202 KEYSTONE-7202 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
3M Electronics
7202 3M-7202 Datasheet
37Kb / 1P
3M™ Caution Label 7201, Reusable
More results

Similar Description - 72025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
28143 ETC2-28143 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
32668 ETC2-32668 Datasheet
319Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60116 ETC2-60116 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
71201 ETC2-71201 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
80050 ETC2-80050 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com