Electronic Components Datasheet Search
  English  ▼

X  

LD3011CD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD3011CD
Description  LD3011C/D Series - 0.30 inch dual Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD3011CD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD3011CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD3011CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD3011CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121552
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.30 inch Dual Digit 7 Segment LED Display
Internal Circuit Diagram
LD3011C (Common Cathode)
LD3011D (Common Anode)
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 7.8mm(0.30inch), External Dimensions:
10.06x19x5.4mm (L x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD3011CR
LD3011DR
GaAlAs
Super Red
640
8
10
8
10
LD3011CD
LD3011DD
GaAlAs
Hi-Red
640
18
25
18
25
LD3011CO
LD3011DO
GaAsP
Orange
625
7
9
7
9
LD3011CY
LD3011DY
GaAsP
Yellow
588
8
10
8
10
LD3011CG
LD3011DG
GaP
Green
568
7
9
7
9
LD3011CUR
LD3011DUR
AlGaInP
Ultra Red
640
30
45
30
45
LD3011CUO
LD3011DUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD3011CUA
LD3011DUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD3011CUY
LD3011DUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD3011CUG
LD3011DUG
AlGaInP
Ultra Green
573
30
45
30
45
LD3011CPG
LD3011DPG
InGaN
Pure Green
525
120
300
120
300
LD3011CUB
LD3011DUB
InGaN
Ultra Blue
470
30
45
30
45
LD3011CUW
LD3011DUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com